Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591E Datasheet(PDF) 88 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 88 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 84Page - National Semiconductor (TI) PC87591E Datasheet HTML 85Page - National Semiconductor (TI) PC87591E Datasheet HTML 86Page - National Semiconductor (TI) PC87591E Datasheet HTML 87Page - National Semiconductor (TI) PC87591E Datasheet HTML 88Page - National Semiconductor (TI) PC87591E Datasheet HTML 89Page - National Semiconductor (TI) PC87591E Datasheet HTML 90Page - National Semiconductor (TI) PC87591E Datasheet HTML 91Page - National Semiconductor (TI) PC87591E Datasheet HTML 92Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 437 page
background image
Embedded Controller Modules (Continued)
www.national.com
88
Revision 1.07
Table 15. DMA Channel Assignment
4.2.4
Transfer Types
The DMAC uses two data transfer modes, direct (fly-by) and indirect (memory-to-memory). The choice of mode depends on
the correlation between the source and destination bus lengths, the required bus performance and the peripheral structure
(as indicated in Table 15).
Direct (Fly-By) Transfers
Figure 27. DMAC Direct Bus Cycle Followed by a Core Bus Cycle
In Direct mode, each data item is transferred using a single bus cycle without reading the data into the DMAC. It provides
the fastest transfer rate, but it requires identical source and destination bus widths.
Data transfer cannot occur between two memory elements. One of the elements must be the I/O device that requested the
DMA transfer. This device is referred to as the implied I/O device. The other element can be either memory or another I/O
device and is referred to as the addressed I/O device.
The appropriate DMA acknowledge signal for each channel is asserted during the bus cycle.
If the bus policy is “intermittent”, maximum throughput is one transaction every three clock cycles. If bus policy is “continu-
ous”, maximum throughput on the internal core bus is one transaction every two clock cycles.
Since only one address is required in Direct mode, this address is taken from the corresponding ADCAn counter. The DMAC
Channel generates either a read or a write bus cycle according to the setting of DIR bit in DMACNTLn register.
When DIR bit is 0, a read bus cycle from the addressed device is performed, and the data is written to the implied I/O device.
When DIR bit is 1, a write bus cycle to the addressed device is performed, and the data is read from the implied I/O device.
The configuration of either address freeze or address update (increment or decrement) is independent of the number of
transferred bytes, transfer direction, or number of bytes in each DMAC transfer cycle. All these can be configured for each
channel by programing the appropriate control register.
The number of bytes transferred in each cycle is taken from TCS bit in DMACNTLn register. After the data item has been
transferred, the BLTCn counter is decremented by one. The ADCAn counter are updated according to INCAn field and ADA
bit in DMACNTLn register.
Channel
Usage
Mode
Enable Control
Interrupt
0
USART Receive
Indirect
USART registers
DMA_INT0
1
USART Transmit
Indirect
USART registers
DMA_INT1
2
Reserved
Indirect
3
Reserved
Indirect
CLK
DMRQi
ADDR
DMACKi
T1
T2
Tidle
T1
Bus State
ADCA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com