Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591E Datasheet(PDF) 86 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 86 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 82Page - National Semiconductor (TI) PC87591E Datasheet HTML 83Page - National Semiconductor (TI) PC87591E Datasheet HTML 84Page - National Semiconductor (TI) PC87591E Datasheet HTML 85Page - National Semiconductor (TI) PC87591E Datasheet HTML 86Page - National Semiconductor (TI) PC87591E Datasheet HTML 87Page - National Semiconductor (TI) PC87591E Datasheet HTML 88Page - National Semiconductor (TI) PC87591E Datasheet HTML 89Page - National Semiconductor (TI) PC87591E Datasheet HTML 90Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 437 page
background image
4.0 Embedded Controller Modules (Continued)
www.national.com
86
Revision 1.07
4.1.11 Usage Hints
The following usage hints help configure the BIU to maximize PC87591x performance and avoid contention on the data bus.
1. In IRE environment, access time to the internal flash can use zero wait and zero hold cycles or fast reads depending on
the CLK frequency set for the core and its peripherals (see “Flash Read, Write and Erase Time” on page 222).
Flash sections 0 and 1 (fast zone) and Section 2 (slow zone) can use a fast read bus cycle through the operation fre-
quency of the PC87591x; therefore, program SZCFG1 fields to be: WAIT=000, HOLD=00, BRE=0, WBE=0, BW=1,
FRE=1.
When Section 2 (slow zone) can operate with a fast read bus cycle, program SZCFG2 fields to be: WAIT=000,
HOLD=00, BRE=0, WBE=0, BW=1, FRE=1.
When Section 2 (slow zone) needs to operate with normal read and zero wait, program SZCFG2 fields to be: WAIT =000,
HOLD=00, BRE=0, WBE=0, BW=1, FRE=0.
2. To avoid contention on the data bus when a read bus cycle (no Thold clock cycles) in one zone is followed by a read bus
cycle in another zone, program IPST and IPRE in the different memory (I/O) zones as follows:
10
IPRE (Idle Before Bus Cycle). Inserts an idle cycle before the current bus cycle when this bus cycle is in a new
zone.
0: No idle cycle inserted
1: Idle cycle inserted
11
FRE (Fast Read Enable).
0: Disabled - Normal read bus cycle takes at least two clock cycles
1: Enabled - Normal read bus cycle takes one clock cycle
15-12 Reserved.
Zone
IPRE
IPST
Zone 0
0
0
Zone 1
1
0
Zone 2
0/11
1. Set IPRE when the zone is con-
figured for fast read.
0
Zone I/O
12
2. An IPRE is forced always for
Zone I/O.
0
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com