Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591E Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 85Page - National Semiconductor (TI) PC87591E Datasheet HTML 86Page - National Semiconductor (TI) PC87591E Datasheet HTML 87Page - National Semiconductor (TI) PC87591E Datasheet HTML 88Page - National Semiconductor (TI) PC87591E Datasheet HTML 89Page - National Semiconductor (TI) PC87591E Datasheet HTML 90Page - National Semiconductor (TI) PC87591E Datasheet HTML 91Page - National Semiconductor (TI) PC87591E Datasheet HTML 92Page - National Semiconductor (TI) PC87591E Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
89
www.national.com
Indirect (Memory-to-Memory) Transfers
Figure 28. Indirect Bus Cycle (DIR=0) - External Bus
Figure 29. Indirect Bus Cycle (DIR=1) - External Bus
In Indirect (Memory-to-Memory) mode, data transfers use two consecutive bus cycles. The data is first read into a temporary
register and subsequently written into the destination. This mode is slower than Direct (Fly-By) mode, but it provides support
for different source and destination bus widths.
Indirect mode also facilitates block transfers between two memory elements. Each element is an addressed device and can
be either memory or an I/O device.
The appropriate DMA acknowledge signal for each channel is asserted during the Device B bus cycle.
If the bus policy is “intermittent”, maximum, throughput is every five clock cycles. If the bus policy is “continuous”, maximum
throughput is every two clock cycles on the internal core bus (otherwise, it uses four clock cycles).
When DIR bit is 0, the first bus cycle reads data from the source using the ADCAn counter, and the second bus cycle writes
the data into the destination using the ADCBn counter. When DIR bit is 1, the first bus cycle reads data from the source
using the ADCBn counter, and the second bus cycle writes the data into the destination using the ADCAn counter.
The number of bytes transferred in each cycle is taken from TCS bit in DMACNTLn register. After the data item has been
transferred, the BLTCn counter is decremented by one. The ADCAn and ADCBn counters are updated according to INCAn,
INCBn, ADA and ADB fields in DMACNTLn register.
Note:
For transfer operations between two memory areas, see “Software DMA Request” on page 92.
CLK
DMRQi
ADDR
DMACKi
T1
T2
T1
T2
Bus State
ADCA
ADCB
Tidle
CLK
DMRQi
ADDR
DMACKi
T1
T2
T1
T2
Bus State
ADCB
ADCA
Tidle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com