Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87591E Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87591E
Description  LPC Mobile Embedded Controllers
PDF  437 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87591E Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button PC87591E Datasheet HTML 91Page - National Semiconductor (TI) PC87591E Datasheet HTML 92Page - National Semiconductor (TI) PC87591E Datasheet HTML 93Page - National Semiconductor (TI) PC87591E Datasheet HTML 94Page - National Semiconductor (TI) PC87591E Datasheet HTML 95Page - National Semiconductor (TI) PC87591E Datasheet HTML 96Page - National Semiconductor (TI) PC87591E Datasheet HTML 97Page - National Semiconductor (TI) PC87591E Datasheet HTML 98Page - National Semiconductor (TI) PC87591E Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 437 page
background image
Embedded Controller Modules (Continued)
Revision 1.07
95
www.national.com
1
ETC (Enable Interrupt on Terminal Count). Enables a level interrupt, when TC bit is set.
0: Interrupt masked
1: Interrupt enabled
2
EOVR (Enable Interrupt on OVR). Enables a level interrupt, when OVR bit is set.
0: Interrupt masked
1: Interrupt enabled
3
TCS (Transfer Cycle Size). Specifies the number of bytes transferred in each DMA transfer cycle. In Direct
(Fly-By) mode, undefined results occur if TCS is not equal to the addressed memory bus width.
0: Byte wide transfer
1: Word-wide (16-bit) transfer
4
IND (Direct/Indirect Transfer). Transfer Type.
0: Direct (Fly-By)
1: Indirect (Memory-to-Memory)
5
DIR (Transfer Direction). Specifies the direction of the transfer relative to Device A.
0: Device A (pointed to by ADCAn) is the source. In Fly-By mode, a read transaction is initialized.
1: Device A (pointed to by ADCAn) is the destination. In Fly-By mode, a write transaction is initialized.
6OT (Operation Type).
0: Single-Buffer mode or Double-Buffer mode enabled
1: Auto-Initialize mode enabled
7
BPC (Bus Policy Control). Intermittent (cycle stealing) or continuous (burst).
0: Intermittent operation. DMAC channel n relinquishes the bus after each transaction even if the request is still
asserted.
1: Continous operation. DMAC channel n uses the bus continuously as long as the request is asserted. This mode
can only be used for SW DMA requests (i.e., when SWRQ is set). On HW DMA requests, BPC must be set to 0.
8
SWRQ (Software DMA Request).
0: Software DMA request is inactive
1: Software DMA request is active
9
ADA (Device A Address Control). Enables Update of Device A Address.
0: ADCAn address unchanged
1: ADCAn address incremented or decremented, according to INCA field
11-10 INCA (Increment/Decrement ADCAn).
Bits
11 10 Description
0 0:
Increment ADCAn register by 1
0 1:
Increment ADCAn register by 2
1 0:
Decrement ADCAn register by 1
1 1:
Decrement ADCAn register by 2
12
ADB (Device B Address Control). Enables Update of Device B Address.
0: ADCBn address unchanged
1: ADCBn address incremented or decremented, according to INCB field
14-13 INCB (Increment/Decrement ADCBn).
Bits
14 13 Description
0 0: Increment ADCBn register by 1
0 1: Increment ADCBn register by 2
1 0: Decrement ADCBn register by 1
1 1: Decrement ADCBn register by 2
15
Reserved.
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com