Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 47Page - Texas Instruments TMS320VC5502 Datasheet HTML 48Page - Texas Instruments TMS320VC5502 Datasheet HTML 49Page - Texas Instruments TMS320VC5502 Datasheet HTML 50Page - Texas Instruments TMS320VC5502 Datasheet HTML 51Page - Texas Instruments TMS320VC5502 Datasheet HTML 52Page - Texas Instruments TMS320VC5502 Datasheet HTML 53Page - Texas Instruments TMS320VC5502 Datasheet HTML 54Page - Texas Instruments TMS320VC5502 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 189 page
background image
www.ti.com
3.8
Host-Port Interface (HPI)
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
The 5502 HPI provides an interface to a host with the following features:
• 16-bit host address bus and 16-bit host data bus (non-multiplexed mode only)
• Multiplexed and non-multiplexed modes
• Host access to on-chip DARAM (excluding CPU memory-mapped registers)
• 16-bit address register with autoincrement capability for faster transfers
• Multiple address/data strobes provide a glueless interface to a variety of hosts
• HRDY signal for handshaking with host
The 5502 HPI can access the entire DARAM space of the 5502 (excluding memory-mapped CPU
registers); however, it does not have access to external memory of the peripheral I/O space. Furthermore,
the HPI cannot access internal DARAM space when the device is in reset. Note that all accesses made
through the HPI are word-addressed.
NOTE
No host access should occur when the HPI is placed in IDLE. The host cannot wake up
the DSP through the DSP_INT bit of the HPIC register when the DSP is in IDLE mode.
The 5502 HPI supports both multiplexed 8-bit and non-multiplexed 16-bit modes. One of these two modes
can be selected via the GPIO6 pin. At reset, if GPIO6 is low, the HPI non-multiplexed 16-bit mode is
enabled and some of the HPI signals can be used as GPIOs. If GPIO6 is high, the HPI can be used in
multiplexed 8-bit mode. Similarly, some of the HPI signals can be used as GPIOs. (See Section 3.3.2,
Host Port Mux, for more information on pin multiplexing for both modes of the HPI.)
When GPIO6 is low at reset, the 5502 HPI will be configured in non-multiplexed mode. In this mode, pins
A[17:2] and pins D[15:0] of the Parallel Port Mux will be set to HPI.HA[15:0] and HPI.HD[15:0],
respectively. In non-multiplexed mode, the host can read/write 16-bit data from the 5502's internal memory
by using the 16-bit address and data bus and the HPI control signals [see the TMS320VC5501/5502 DSP
Host Port Interface (HPI) Reference Guide (literature number SPRU620) for more information on the 5502
HPI]. Note that in this mode, the 5502 EMIF wil be disabled.
When GPIO6 is high at reset, the 5502 HPI will be configured in multiplexed mode. In this mode, pins
HD[7:0], HC0, and HC1 of the Host Port Mux will be set to HPI.HD[7:0], HPI.HAS, and HPI.HBIL,
respectively. In multiplexed mode, the host can only send 8 bits of data at a time through the HPI.HD[7:0]
bus; therefore, some extra steps have to be taken to read/write from the 5502's internal memory [see the
TMS320VC5501/5502 DSP Host Port Interface (HPI) Reference Guide (literature number SPRU620) for
more information on the 5502 HPI]. Note that in this mode, the EMIF is fully enabled.
The 5502 HPI has its own register set, therefore the HINT bit of CPU register ST3_55 is not used for
DSP-to-host interrrupts. The HINT bit in the Host Port Control Register (HPIC) should be used for
DSP-to-host interrupts.
A host must not initiate any transfer requests from the HPI while the HPI is being brought out of reset. As
described in Section 3.10.6, Reset Sequence, the C55x CPU and the peripherals are not brought out of
reset immediately after the RESET pin transitions from low to high. Instead, an internal counter stretches
the reset signal to allow enough time for the internal oscillator to stabilize and also to allow the reset signal
to propagate through different parts of the device. The IACK pin will go low for two CPU clock cycles to
indicate that this internal reset signal has been deasserted. A host must follow one of these two
requirements before initiating transfer requests from the HPI:
1. Keep the HPIENA pin low until the internal reset signal has been deasserted.
2. Keep the HCS, HDS1, and HDS2 pins inactive until the internal reset signal has been deasserted.
Functional Overview
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com