Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 21Page - Texas Instruments TMS320VC5502 Datasheet HTML 22Page - Texas Instruments TMS320VC5502 Datasheet HTML 23Page - Texas Instruments TMS320VC5502 Datasheet HTML 24Page - Texas Instruments TMS320VC5502 Datasheet HTML 25Page - Texas Instruments TMS320VC5502 Datasheet HTML 26Page - Texas Instruments TMS320VC5502 Datasheet HTML 27Page - Texas Instruments TMS320VC5502 Datasheet HTML 28Page - Texas Instruments TMS320VC5502 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 2-4. Signal Descriptions (continued)
PIN
MULTIPLEXED
PIN
OTHER(2)
FUNCTION
NAME
SIGNAL NAME
TYPE(1)
The C7 pin of the Parallel Port serves one of two functions: parallel general-purpose
input/output (PGPIO) signal PGPIO27 or external memory interface control signal
EMIF.CE3. The function of the C7 pin is determined by the state of the GPIO6 pin
C7
I/O/Z
during reset. The C7 pin is set to PGPIO27 if GPIO6 is low during reset. The C7 pin
is set to EMIF.CE3 if GPIO6 is high during reset. The function of the C7 pin will be
set once the device is taken out of reset (RESET pin transitions from a low to high
C, D, E, F,
state).
G, H, M
Parallel general-purpose I/O. PGPIO27 is selected when GPIO6 is low during
PGPIO27
I/O/Z
reset. The PGPIO27 signal is configured as an input after reset.
EMIF chip-select for memory space CE3. EMIF.CE3 is selected when GPIO6 is
EMIF.CE3
O/Z
high during reset. The EMIF.CE3 signal is in a high-impedance state during reset
and is set to output after reset with an output value of 1.
The C8 pin of the Parallel Port serves one of two functions: parallel general-purpose
input/output (PGPIO) signal PGPIO28 or external memory interface control signal
EMIF.BE0. The function of the C8 pin is determined by the state of the GPIO6 pin
C8
I/O/Z
during reset. The C8 pin is set to PGPIO28 if GPIO6 is low during reset. The C8 pin
is set to EMIF.BE0 if GPIO6 is high during reset. The function of the C8 pin will be
set once the device is taken out of reset (RESET pin transitions from a low to high
C, D, E, F,
state).
G, H, M
Parallel general-purpose I/O. PGPIO28 is selected when GPIO6 is low during
PGPIO28
I/O/Z
reset. The PGPIO28 signal is configured as an input after reset.
EMIF byte-enable 0 control. EMIF.BE0 is selected when GPIO6 is high during
EMIF.BE0
O/Z
reset. The EMIF.BE0 signal is in a high-impedance state during reset and is set to
output after reset with an output value of 1.
The C9 pin of the Parallel Port serves one of two functions: parallel general-purpose
input/output (PGPIO) signal PGPIO29 or external memory interface control signal
EMIF.BE1. The function of the C9 pin is determined by the state of the GPIO6 pin
C9
I/O/Z
during reset. The C9 pin is set to PGPIO29 if GPIO6 is low during reset. The C9 pin
is set to EMIF.BE1 if GPIO6 is high during reset. The function of the C9 pin will be
set once the device is taken out of reset (RESET pin transitions from a low to high
C, D, E, F,
state).
G, H, M
Parallel general-purpose I/O. PGPIO29 is selected when GPIO6 is low during
PGPIO29
I/O/Z
reset. The PGPIO29 signal is configured as an input after reset.
EMIF byte-enable 1 control. EMIF.BE1 is selected when GPIO6 is high during
EMIF.BE1
O/Z
reset. The EMIF.BE1 signal is in a high-impedance state during reset and is set to
output after reset with an output value of 1.
The C10 pin of the Parallel Port serves one of two functions: parallel gen-
eral-purpose input/output (PGPIO) signal PGPIO30 or external memory interface
control signal EMIF.BE2. The function of the C10 pin is determined by the state of
C10
I/O/Z
the GPIO6 pin during reset. The C10 pin is set to PGPIO30 if GPIO6 is low during
reset. The C10 pin is set to EMIF.BE2 if GPIO6 is high during reset. The function of
the C10 pin will be set once the device is taken out of reset (RESET pin transitions
C, D, E, F,
from a low to high state).
G, H, M
Parallel general-purpose I/O. PGPIO30 is selected when GPIO6 is low during
PGPIO30
I/O/Z
reset. The PGPIO30 signal is configured as an input after reset.
EMIF byte-enable 2 control. EMIF.BE2 is selected when GPIO6 is high during
EMIF.BE2
O/Z
reset. The EMIF.BE2 signal is in a high-impedance state during reset and is set to
output after reset with an output value of 1.
The C11 pin of the Parallel Port serves one of two functions: parallel gen-
eral-purpose input/output (PGPIO) signal PGPIO31 or external memory interface
control signal EMIF.BE3. The function of the C11 pin is determined by the state of
C11
I/O/Z
the GPIO6 pin during reset. The C11 pin is set to PGPIO31 if GPIO6 is low during
reset. The C11 pin is set to EMIF.BE3 if GPIO6 is high during reset. The function of
the C11 pin will be set once the device is taken out of reset (RESET pin transitions
C, D, E, F,
from a low to high state).
G, H, M
Parallel general-purpose I/O. PGPIO31 is selected when GPIO6 is low during
PGPIO31
I/O/Z
reset. The PGPIO31 signal is configured as an input after reset.
EMIF byte-enable 3 control. EMIF.BE3 is selected when GPIO6 is high during
EMIF.BE3
O/Z
reset. The EMIF.BE3 signal is in a high-impedance state during reset and is set to
output after reset with an output value of 1.
Introduction
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com