Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 83Page - Texas Instruments TMS320VC5502 Datasheet HTML 84Page - Texas Instruments TMS320VC5502 Datasheet HTML 85Page - Texas Instruments TMS320VC5502 Datasheet HTML 86Page - Texas Instruments TMS320VC5502 Datasheet HTML 87Page - Texas Instruments TMS320VC5502 Datasheet HTML 88Page - Texas Instruments TMS320VC5502 Datasheet HTML 89Page - Texas Instruments TMS320VC5502 Datasheet HTML 90Page - Texas Instruments TMS320VC5502 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 189 page
background image
www.ti.com
3.12
General-Purpose I/O (GPIO)
3.12.1
General-Purpose I/O Port
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 3-33. Master IDLE Status Register Bit Field Description
BIT NAME
BIT NO.
ACCESS
RESET VALUE
DESCRIPTION
Reserved
15-2
R
00000000000000
Reserved
HPI
1
R
0
HPI bit
•
HPI = 0: HPI is active
•
HPI = 1: HPI is in IDLE status
DMA
0
R
0
DMA bit
•
DMA = 0: DMA is active
•
DMA = 1: DMA is in IDLE status
The 5502 includes an 8-bit I/O port solely for general-purpose input and output. Several dual-purpose
(multiplexed) pins complement the dedicated GPIO pins. The following sections describe the 8-bit GPIO
port as well as the dual GPIO functions of the Parallel Port Mux and Host Port Mux pins.
The general-purpose I/O port consists of eight individually bit-selectable I/O pins GPIO0 (LSB) through
GPIO7 (MSB). The I/O port is controlled using two registers—IODIR and IODATA—that can be accessed
by the CPU or by the DMA, via the peripheral bus controller. The General-Purpose I/O Direction Register
(IODIR) is mapped at address 0x3400, and the General-Purpose I/O Data Register (IODATA) is mapped
at address 0x3401.
The GPIO3 and GPIO5 pins are multiplexed with the CLKX2 and FSX2 signals through the SP0 and SP2
pins, respectively. The function of the SP0 and SP2 pins is determined by the state of the GPIO7 pin
during reset. The SP0 and SP2 pins are set to GPIO3 and GPIO5, respectively, if GPIO7 is low during
reset. The SP0 and SP2 pins are set to CLKX2 and FSX2, respectively, if GPIO7 is high during reset. The
function of the SP0 and SP2 pins will be set once the device is taken out of reset (RESET pin transitions
from a low to a high state).
Figure 3-32 and Figure 3-33 show the bit layout of IODIR and IODATA, respectively. Table 3-34 and
Table 3-35 describe the bit fields of these registers.
3.12.1.1
General-Purpose I/O Direction Register (IODIR)
15
8
Reserved
R, 00000000
7
6
5
4
3
2
1
0
IO7DIR
IO6DIR
IO5DIR
IO4DIR
IO3DIR
IO2DIR
IO1DIR
IO0DIR
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value at reset
Figure 3-32. GPIO Direction Register Layout (0x3400)
Functional Overview
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com