Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 76 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 72Page - Texas Instruments TMS320VC5502 Datasheet HTML 73Page - Texas Instruments TMS320VC5502 Datasheet HTML 74Page - Texas Instruments TMS320VC5502 Datasheet HTML 75Page - Texas Instruments TMS320VC5502 Datasheet HTML 76Page - Texas Instruments TMS320VC5502 Datasheet HTML 77Page - Texas Instruments TMS320VC5502 Datasheet HTML 78Page - Texas Instruments TMS320VC5502 Datasheet HTML 79Page - Texas Instruments TMS320VC5502 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 189 page
background image
www.ti.com
3.11.4
Wake-Up Procedure
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 3-25. Peripheral Behavior at Entering IDLE State (continued)
MODULE BEHAVIOR AT ENTERING IDLE STATE
CLOCK DOMAIN
MODULES
(ASSUMING THE IDLE CONTROL IS SET)
PLL divider
Enter IDLE state immediately.
Clock Generator
PLL core
Power-down state if set by software before IDLE
Oscillator
Power-down state if set by software before IDLE
Enter IDLE mode after current DMA transfer or enter IDLE mode
EMIF
EMIF
immediately if no activity exists.
It is the user's responsibility to ensure that there exists a valid wake-up procedure before entering idle
mode. Keep in mind that a hardware reset will restore all modules to their active state. All wake-up
procedures are described in the next sections.
3.11.4.1
CPU Domain Wake-up Procedure
The CPU domain can be taken out of idle though an enabled external interrupt or an NMI signal. External
interrupts can be enabled through the use of the IER0 and IER1 registers. Other modules, such as the
EMIF module, will be taken out of idle automatically when the CPU wakes up. Please see the wake-up
procedures for other modules for more information.
3.11.4.2
Master Port Domain (DMA/HPI) Wake-up Procedure
The 5502 DMA module and the HPI module can be taken out of idle simultaneously by executing the
following procedure.
1. Write '0' to the MPI bit in ICR.
2. Execute the IDLE instruction.
3. DMA and HPI wake up.
It is also possible to wake up the DMA and HPI modules individually through the use of the Master Idle
Control Register. To wake up only the DMA or the HPI module, perform the following steps:
1. Write '0' to the DMA bit or the HPI bit in MICR.
2. Selected module wakes up.
3.11.4.3
Peripheral Modules Wake-up Procedure
All 5502 peripherals can be taken out of idle simultaneously by executing the following procedure.
1. Write '0' to the PERI bit in ICR.
2. Execute the IDLE instruction.
3. All idled peripherals wake up.
It is also possible to wake up individual peripherals through the use of the Peripheral Idle Control Register
by executing the following procedure.
1. Write '0' to the idle control bit of peripheral(s) in PICR.
2. Idled peripherals with '0' in PICR wake up.
76
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com