Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 73Page - Texas Instruments TMS320VC5502 Datasheet HTML 74Page - Texas Instruments TMS320VC5502 Datasheet HTML 75Page - Texas Instruments TMS320VC5502 Datasheet HTML 76Page - Texas Instruments TMS320VC5502 Datasheet HTML 77Page - Texas Instruments TMS320VC5502 Datasheet HTML 78Page - Texas Instruments TMS320VC5502 Datasheet HTML 79Page - Texas Instruments TMS320VC5502 Datasheet HTML 80Page - Texas Instruments TMS320VC5502 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
3.11.4.4
EMIF Module Wake-up Procedure
If both the CPU and the EMIF are in idle, then the EMIF will come out of idle when the CPU is taken out of
idle. The CPU can be taken out of idle through the use of an NMI or an enabled external interrupt.
External interrupts can be enabled through the IER0 and IER1 registers.
If the CPU is not in idle, then the EMIF can be taken out of idle through either of the following two
procedures:
1. Write '0' to the PERI bit in ICR.
2. Execute the IDLE instruction.
3. All idled peripherals, including the EMIF, wake up.
Or:
1. Write '0' to the EMIF bit in PICR.
2. The EMIF module will wake up.
3.11.4.5
IDLE2 Mode Wake-up Procedure
The 5502 can be taken completely out of IDLE2 mode by executing the following procedure.
1. CPU wakes up from idle through NMI or enabled external interrupt.
2. Write '0' to all bits in the ICR.
3. Execute the IDLE instruction.
4. All internal clocks are enabled and all modules come out of idle.
3.11.4.6
IDLE3 Mode Wake-up Procedure
The 5502 can be taken completely out of IDLE3 mode by executing the following procedure.
1. CPU wakes up from idle through NMI or enabled external interrupt.
2. Write '0' to all bits in the ICR.
3. Execute the IDLE instruction.
4. All internal clocks are enabled and all modules come out of idle.
5. Write '0' to the PLLPWRDN and PLLRST bits in PLLCSR.
6. Wait for the PLL to relock by polling the LOCK bit or by setting up a LOCK interrupt.
7. Set the PLLEN bit in PLLCSR to '1'.
8. All internal clocks will now come from the PLL core.
NOTE
Step 3 can be modified to only wake up certain modules, see previous sections for more
information on the wake-up procedures for the 5502 modules.
3.11.4.7
IDLE3 Mode With Internal Oscillator Disabled Wake-up Procedure
The internal oscillator of the 5502 will be woken up along with the CLOCK module through an NMI or an
enabled external interrupt. The source (INT0, INT1, INT2, INT3, or NMI) for the wake-up signal can be
selected through the use of the WKEN register. The maskable external interrupts must be enabled
through IER0 and IER1 prior to setting the 5502 to Idle 3 mode.
The 5502 has internal circuitry that will count down a predetermined number of clock cycles (41,032
reference clock cycles) to allow the oscillator input to become stable after waking up from power-down
state or reset. When waking up from idle mode, program flow will start after the stabilization period of the
oscillator has expired (41032 reference clock cycles).
Functional Overview
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com