Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 54Page - Texas Instruments TMS320VC5502 Datasheet HTML 55Page - Texas Instruments TMS320VC5502 Datasheet HTML 56Page - Texas Instruments TMS320VC5502 Datasheet HTML 57Page - Texas Instruments TMS320VC5502 Datasheet HTML 58Page - Texas Instruments TMS320VC5502 Datasheet HTML 59Page - Texas Instruments TMS320VC5502 Datasheet HTML 60Page - Texas Instruments TMS320VC5502 Datasheet HTML 61Page - Texas Instruments TMS320VC5502 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 189 page
background image
www.ti.com
3.10.3
EMIF Input Clock Selection
3.10.4
Changing the Clock Group Frequencies
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
3.10.2.4
External Memory Interface Clock Group
The External Memory Interface Clock Group includes the External Memory Interface (EMIF) module and
the external data bridge modules. The input clock to this clock group is taken from the output of divider 3
(D3). By default, the divider is set to divide its input clock by four, but the divide value can be changed to
divide-by-1 or divide-by-2 by modifying the PLLDIV3 bits of the PLL Divider3 Register (PLLDIV3) through
software. The clock frequency of the External Memory Interface Clock Group must be equal to or less than
that of the Fast Peripherals Clock Group.
The EMIF may be clocked from an external asynchronous clock source through the ECLKIN pin if a
specific EMIF frequency is needed. The source for the EMIF clock can be specified through the
EMIFCLKS pin. If EMIFCLKS is low, then the EMIF will be clocked via the same internal clock that feeds
the data bridge module and performance will be optimal. If EMIFCLKS is high, then an external
asynchronous clock, which can be taken up to 100 MHz, will clock the EMIF. The data throughput
performance may be degraded due to synchronization issues when an external clock source is used for
the EMIF.
DSP software can be used to change the clock frequency of each clock group by setting adequate values
in the PLL control registers. Figure 3-14 shows which PLL control registers affect the different portions of
the clock generator. The following sections describe the procedures for changing the frequencies of each
clock group.
58
Functional Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com