Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 24Page - Texas Instruments TMS320VC5502 Datasheet HTML 25Page - Texas Instruments TMS320VC5502 Datasheet HTML 26Page - Texas Instruments TMS320VC5502 Datasheet HTML 27Page - Texas Instruments TMS320VC5502 Datasheet HTML 28Page - Texas Instruments TMS320VC5502 Datasheet HTML 29Page - Texas Instruments TMS320VC5502 Datasheet HTML 30Page - Texas Instruments TMS320VC5502 Datasheet HTML 31Page - Texas Instruments TMS320VC5502 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 189 page
background image
www.ti.com
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 2-4. Signal Descriptions (continued)
PIN
MULTIPLEXED
PIN
OTHER(2)
FUNCTION
NAME
SIGNAL NAME
TYPE(1)
Host Port — Control Pins
The HC0 pin of the Host Port serves one of two functions: parallel general-purpose
input/output (PGPIO) signal PGPIO44 or host-port interface (HPI) signal HPI.HAS.
The function of the HC0 pin is determined by the state of the GPIO6 pin during
HC0
I/O/Z
reset. The HC0 pin is set to PGPIO44 if GPIO6 is low during reset. The HC0 pin is
set to HPI.HAS if GPIO6 is high during reset. The function of the HC0 pin will be set
once the device is taken out of reset (RESET pin transitions from a low to high
state).
C, F, G, H,
J, M
Parallel general-purpose I/O. PGPIO44 is selected when GPIO6 is low during
PGPIO44
I/O/Z
reset. The PGPIO44 signal is configured as an input after reset.
Host address strobe. HPI.HAS is selected when GPIO6 is high during reset. The
HPI.HAS signal is configured as an input after reset.
HPI.HAS
I
Hosts with multiplexed address and data pins may require HPI.HAS to latch the
address in the HPIA register. HPI.HAS is only available when the HPI is operating in
multiplexed mode.
The HC1 pin of the Host Port serves one of two functions: parallel general-purpose
input/output (PGPIO) signal PGPIO45 or host-port interface (HPI) signal HPI.HBIL.
The function of the HC1 pin is determined by the state of the GPIO6 pin during
HC1
I/O/Z
reset. The HC1 pin is set to PGPIO45 if GPIO6 is low during reset. The HC1 pin is
set to HPI.HBIL if GPIO6 is high during reset. The function of the HC1 pin will be set
once the device is taken out of reset (RESET pin transitions from a low to high
F, G, H, K, state).
M
Parallel general-purpose I/O. PGPIO45 is selected when GPIO6 is low during
PGPIO45
I/O/Z
reset. The PGPIO45 signal is configured as an input after reset.
Host byte identification. HPI.HBIL is selected when GPIO6 is high during reset.
The HPI.HBIL signal is configured as an input after reset.
HPI.HBIL
I
In multiplexed mode, the host must use HPI.HBIL to identify the first and second
bytes of the host cycle.
HPI Pins
HCNTL0
HPI access control pins.The four binary states of the HCNTL0 and HCNTL1 pins
F, G, H, J, determine which HPI register is being accessed by the host (HPIC, HPID with
I/O/Z
M
autoincrementing, HPIA, or HPID). The HCNTL0 and HCNTL1 pins are configured
HCNTL1
as inputs after reset.
HPI chip-select. HCS must be low for the HPI to be selected by the host. The HCS
C, F, G, H, pin is configured as an input after reset.
HCS
I/O/Z
J, M
A host must not initiate transfer requests until the HPI has been brought out of reset,
see Section 3.8, Host-Port Interface (HPI), for more details.
F, G, H, J, Host read- or write-select. HR/W indicates whether the current access is to be a
HR/W
I/O/Z
M
read or write operation. The HR/W pin is configured as an input after reset.
HDS1
Host data strobe pins. The HDS1 and HDS2 pins are used for strobing data in and
out of the HPI. The HDS1 and HDS2 pins are configured as inputs after reset.
I
C, G, H, J
A host must not initiate transfer requests until the HPI has been brought out of reset,
HDS2
see Section 3.8, Host-Port Interface (HPI), for more details.
Host ready (from DSP to host). The HRDY pin informs the host when the HPI is
HRDY
O/Z
F, J, M
ready for the next transfer. The HRDY pin is in a high-impedance state during reset
and is set to output after reset with an output value of 1.
Host interrupt (from DSP to host). The HINT pin is used by the DSP to interrupt
F, G, H, J,
HINT
O/Z
the host. The HINT signal is in a high-impedance state during reset and is set to
M
output after reset with an output value of 1.
HPI enable. The HPIENA pin must be driven high to enable the HPI for operation. If
the HPIENA pin is low, the HPI will be completely disabled and all HPI output pins
HPIENA
I
C, L
will be in a high-impedance state.
If the HPI is not needed, the HPIENA pin can be pulled low.
Interrupt and Reset Pins
Maskable external interrupts. INT0–INT3 are maskable interrupts. They are
enabled through the Interrupt Enable Registers (IER0 and IER1). All maskable
INT[3:0]
I
C, L
interrupts are globally enabled/disabled through the Interrupt Mode bit (INTM in
ST1_55). INT0–INT3 can be polled and reset via the Interrupt Flag Registers (IFR0
and IFR1). All interrupts are prioritized as shown in Table 3-77, Interrupt Table.
28
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com