Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC5502 Datasheet(PDF) 179 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320VC5502
Description  Fixed-Point Digital Signal Processor
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5502 Datasheet(HTML) 179 Page - Texas Instruments

Back Button TMS320VC5502 Datasheet HTML 175Page - Texas Instruments TMS320VC5502 Datasheet HTML 176Page - Texas Instruments TMS320VC5502 Datasheet HTML 177Page - Texas Instruments TMS320VC5502 Datasheet HTML 178Page - Texas Instruments TMS320VC5502 Datasheet HTML 179Page - Texas Instruments TMS320VC5502 Datasheet HTML 180Page - Texas Instruments TMS320VC5502 Datasheet HTML 181Page - Texas Instruments TMS320VC5502 Datasheet HTML 182Page - Texas Instruments TMS320VC5502 Datasheet HTML 183Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 189 page
background image
www.ti.com
5.17
Inter-Integrated Circuit (I
2C) Timings
IC10
IC8
IC4
IC3
IC7
IC12
IC5
IC6
IC14
IC2
IC3
IC13
Stop
Start
Repeated
Start
Stop
SDA
SCL
IC1
IC11
IC9
TMS320VC5502
Fixed-Point Digital Signal Processor
SPRS166H – APRIL 2001 – REVISED NOVEMBER 2004
Table 5-48 and Table 5-49 assume testing over recommended operating conditions (see Figure 5-47 and
Figure 5-48).
Table 5-48. I
2C Signals (SDA and SCL) Timing Requirements
VC5502-200
VC5502-300
NO.
Standard
Fast
UNIT
Mode
Mode
MIN
MAX
MIN
MAX
IC1
tc(SCL)
Cycle time, SCL
10
2.5
µs
Setup time, SCL high before SDA low for a repeated START
IC2
tsu(SCLH-SDAL)
4.7
0.6
µs
condition
Hold time, SCL low after SDA low for a START and a
IC3
th(SCLL-SDAL)
4
0.6
µs
repeated START condition
IC4
tw(SCLL)
Pulse duration, SCL low
4.7
1.3
µs
IC5
tw(SCLH)
Pulse duration, SCL high
4
0.6
µs
IC6
tsu(SDA-SCLH)
Setup time, SDA valid before SCL high
250
100(1)
ns
IC7
th(SDA-SCLL)
Hold time, SDA valid after SCL low For I2C bus™ devices
0(2)
0(2)
0.9(3)
µs
Pulse duration, SDA high between STOP and START con-
IC8
tw(SDAH)
4.7
1.3
µs
ditions
IC9
tr(SDA)
Rise time, SDA
1000
20 + 0.1Cb(4)
300
ns
IC10
tr(SCL)
Rise time, SCL
1000
20 + 0.1Cb(4)
300
ns
IC11
tf(SDA)
Fall time, SDA
300
20 + 0.1Cb(4)
300
ns
IC12
tf(SCL)
Fall time, SCL
300
20 + 0.1Cb(4)
300
ns
IC13
tsu(SCLH-SDAH)
Setup time, SCL high before SDA high (for STOP condition)
4.0
0.6
µs
IC14
tw(SP)
Pulse duration, spike (must be suppressed)
0
50
ns
IC15
Cb(4)
Capacitive load for each bus line
400
400
pF
(1)
A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement tsu(SDA-SCLH)≥ 250 ns must then be
met. This will automatically be the case if the device does not stretch the LOW period of the SCL signal. If such a device does stretch
the LOW period of the SCL signal, it must output the next data bit to the SDA line tr max + tsu(SDA-SCLH)= 1000 + 250 = 1250 ns
(according to the Standard-mode I2C-Bus Specification) before the SCL line is released.
(2)
A device must internally provide a hold time of at least 300 ns for the SDA signal (referred to the VIHmin of the SCL signal) to bridge the
undefined region of the falling edge of SCL.
(3)
The maximum th(SDA-SCLL) has only to be met if the 5502 I2C operates in master-receiver mode and the slave device does not stretch
the LOW period [tw(SCLL)] of the SCL signal.
(4)
Cb = total capacitance of one bus line in pF. If mixed with HS-mode devices, faster fall-times are allowed.
Figure 5-47. I2C Receive Timings
Specifications
179



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com