Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8952T Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 1 Page - Cirrus Logic

  CS8952T Datasheet HTML 1Page - Cirrus Logic CS8952T Datasheet HTML 2Page - Cirrus Logic CS8952T Datasheet HTML 3Page - Cirrus Logic CS8952T Datasheet HTML 4Page - Cirrus Logic CS8952T Datasheet HTML 5Page - Cirrus Logic CS8952T Datasheet HTML 6Page - Cirrus Logic CS8952T Datasheet HTML 7Page - Cirrus Logic CS8952T Datasheet HTML 8Page - Cirrus Logic CS8952T Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
Copyright
 Cirrus Logic, Inc. 2001
(All Rights Reserved)
TX_EN
TX_ER/TXD4
TXD[3:0]
TX_CLK
MDC
MII_IRQ
MDIO
CRS
COL
RX_ER/RXD4
RX_DV
RXD[3:0]
RX_CLK
RX_EN
TX+/-
RX+/-
10/100
4B/5B
Decoder
Descrambler
Manchester
Encoder
Scrambler
MLT-3
Encoder
10BaseT
Filter
Slew Rate
Control
10/100
4B/5B
Encoder
Adaptive Eq. &
Baseline Wander
Compensation
10BaseT
Filter
LED
Drivers
100BaseT
Slicer
10BaseT
Slicer
MLT-3
Decoder
Manchester
Decoder
Auto
Negotiation
Timing
Recovery
MII
Control/Status
Registers
Link
Management
CS8952T 10BaseT/100Base-X
Transceiver
LED1
LED2
LED3
LED4
LED5
CS8952T
Advanced Product Databook
CrystalLAN™ 100BASE-X
and 10BASE-T Transceiver
FEATURES
! Single-Chip IEEE 802.3 Physical Interface IC for
100BASE-TX and 10BASE-T
! Adaptive Equalizer provides Extended Length Opera-
tion with Superior Noise Immunity and NEXT Margin
! Extremely Low Transmit Jitter (<400 ps)
! Low Common Mode Noise on TX Driver for Reduced
EMI Problems
! Integrated RX and TX Filters for 10BASE-T
! Compensation for Back-to-Back “Killer Packets”
! Digital Interfaces Supported
— Media Independent Interface (MII) for 100BASE-X and
10BASE-T
— Repeater 5-bit code-group interface (100BASE-X)
— 10BASE-T Serial Interface
! Register Set Compatible with DP83840A
! IEEE 802.3 Auto-Negotiation with Next Page Support
! Six LED drivers (LNK,COL,FDX, TX,RX, and SPD)
! Low power (135 mA Typical) CMOS design operates
on a single 5 V supply
DESCRIPTION
The CS8952T uses CMOS technology to deliver a high-per-
formance, low-cost 100BASE-X/10BASE-T Physical Layer
(PHY) line interface. It makes use of an adaptive equalizer op-
timized for noise and near end crosstalk (NEXT) immunity to
extend receiver operation to cable lengths exceeding 160 m.
In addition, the transmit circuitry has been designed to pro-
vide extremely low transmit jitter (<400 ps) for improved link
partner performance. Transmit driver common mode noise
has been minimized to reduce EMI for simplified FCC
certification.
The CS8952T incorporates a standard Media Independent In-
terface (MII) for easy connection to a variety of 10 and
100 Mb/s Media Access Controllers (MACs).
ORDERING INFORMATION
CS8952T-CQ 0 to 70 °C
100-pin TQFP
CS8952T-IQ
-40 to 85 °C 100-pin TQFP
CDB8952
Evaluation Board
DS206TPP2
OCT ‘01
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK


Similar Part No. - CS8952T

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CS8952T PULSE-CS8952T Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - CS8952T

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8952 CIRRUS-CS8952 Datasheet
1Mb / 82P
CrystalLAN 100BASE-X and 10BASE-T Transceiver
CS8952 CIRRUS-CS8952_07 Datasheet
826Kb / 81P
CrystalLAN 100BASE-X and 10BASE-T Transceiver
logo
Micrel Semiconductor
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL Datasheet
396Kb / 58P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
KSZ8051MLL MICREL-KSZ8051MLL Datasheet
691Kb / 51P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLV MICREL-KSZ8051MNLV Datasheet
1Mb / 66P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNLU MICREL-KSZ8051MNLU Datasheet
1Mb / 65P
10Base-T/100Base-TX Physical Layer Transceiver
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com