Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8952T Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 16Page - Cirrus Logic CS8952T Datasheet HTML 17Page - Cirrus Logic CS8952T Datasheet HTML 18Page - Cirrus Logic CS8952T Datasheet HTML 19Page - Cirrus Logic CS8952T Datasheet HTML 20Page - Cirrus Logic CS8952T Datasheet HTML 21Page - Cirrus Logic CS8952T Datasheet HTML 22Page - Cirrus Logic CS8952T Datasheet HTML 23Page - Cirrus Logic CS8952T Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
20
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
COL is not synchronous to RX_CLK. It may tran-
sition at any time.
False Carrier Detection
A false carrier condition is detected when the re-
ceiver has asserted CRS but a valid /J/K code group
sequence is not received.
When this condition is detected, the CS8952T will
assert RX_ER and place 1110 on the RXD[3:0]
pins until either the receiver detects at least two
consecutive IDLE code groups. In addition, the
False Carrier Count Register (address 13h) will be
incremented.
100 Mb/s Loopback
The CS8952T includes two 100 Mb/s loopback
modes.
Local loopback redirects the TXD[3:0] input data
to RXD[3:0] data outputs through the 4B5B coders
and scramblers. Local loopback is selected by as-
serting pin LPBK, by setting the LPBK bit (bit 14)
in the Basic Mode Control Register (address 00h)
or by setting bits 8 and 11 in the Loopback, Bypass,
and Receiver Error Mask Register (address 18h) as
shown in Table 4.
Remote loopback redirects the analog line interface
inputs to the analog line driver outputs. Remote
loopback is selected by setting bit 9 in the Loop-
back, Bypass, and Receiver Error Mask Register
(address 18h) as shown in Table 4.
Table 4. Loopback Mode Selection
When changing between local and non-loopback
modes, the data on RXD[3:0] will be undefined for
approximately 330 µs.
100BASE-X Symbol Modes
The CS8952T provides two low latency modes for
100BASE-X repeater applications. These are se-
lected by asserting either pin BPALIGN or
BP4B5B. Both pins have the effect of bypassing
the 4B5B encoder and decoder. Bypassing the cod-
ers decreases latency, and uses a 5-bit wide parallel
code group interface on pins RXD[4:0] and
TXD[4:0] instead of the 4-bit wide MII nibble in-
terface on pins RXD[3:0] and TXD[3:0]. In repeat-
er mode, pin RX_ER is redefined as the fifth
receive data bit (RXD4), and pin TX_ER is rede-
fined as the fifth transmit data bit (TXD4).
BPALIGN can also be selected by setting bit 12 in
Loopback, Bypass, and Receiver Error Mask Reg-
ister (address 18h). BP4B5B can be selected by set-
ting bit 14 of the same register.
Pin BPALIGN causes more of the CS8952T to be
bypassed than the BP4B5B pin. BPALIGN also
bypasses the scrambler/descrambler (see Figure 1).
Asserting the REPEATER pin or setting bit 12 in
the PCS Sublayer Configuration Register (address
17h) redefines the function of the CRS (carrier
sense) pin to be asserted only on receive activity.
The REPEATER pin is also used to enable the Car-
rier Integrity Monitor feature by default.
For repeater applications, the RX_EN pin can be
used to gate the receive data pins (RXD[4:0],
RX_CLK,RX_DV,COL,and CRS) ontoashared,
external repeater system bus.
Carrier Integrity Monitor
The Carrier Integrity Monitor function allows a re-
peater to protect the attached network from some
transient fault conditions that would disrupt net-
work communications. The CS8952T contains a
self-interrupt capability to prevent a segment’s
Remote
Loopback
(bit 9)
PMD
Loopback
(bit 8)
Function
0
0
No Loopback
0
1
Local Loopback (toward MII)
1
0
Remote Loopback (toward
line)
1
1
Operation is undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com