Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8952T Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 10Page - Cirrus Logic CS8952T Datasheet HTML 11Page - Cirrus Logic CS8952T Datasheet HTML 12Page - Cirrus Logic CS8952T Datasheet HTML 13Page - Cirrus Logic CS8952T Datasheet HTML 14Page - Cirrus Logic CS8952T Datasheet HTML 15Page - Cirrus Logic CS8952T Datasheet HTML 16Page - Cirrus Logic CS8952T Datasheet HTML 17Page - Cirrus Logic CS8952T Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 86 page
background image
14
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
PWRDN - Power Down. Input, Pin 64.
When this pin is asserted high, the CS8952T powers down all circuitry except that circuitry
needed to maintain the network line impedance. This is the lowest power mode possible. The
CS8952T will remain in low power mode until the PWRDN pin is deasserted.
A slightly higher power power-down mode may also be entered under software control through
bit 11 of the Basic Mode Control Register (address 00h).
REPEATER - REPEATER Mode Select. Input, Pin 16.
This pin controls the operation of the CRS (Carrier Sense) pin as shown below:
At power-up or at reset, the value on this pin is latched into bit 12 of the PCS Sub-Layer
Configuration Register (address 17h). This pin includes a weak internal pull-down (> 20 K
Ω),
or the value may be set by an external 4.7 K
Ω pull-up or pull-down resistor.
SPD10 - 10 Mb/s Speed Indication. Output, Pin 68.
This pin is asserted high when the CS8952T is configured for 10 Mb/s operation. This pin can
be used to drive a low-current LED to indicate 10 Mb/s operation.
SPD100 - 100 Mb/s Speed Indication. Output, Pin 67.
This pin is asserted high when the CS8952T is configured for 100 Mb/s operation. This pin can
be used to drive a low-current LED to indicate 100 Mb/s operation.
TCM - Transmit Clock Mode Initialization. Input, Pin 59.
The logic value on this three-level pin during power-up or reset determines whether TX_CLK
is used as an input or an output, and whether an external 25 MHz clock reference is provided
on the CLK25 output pin.
TEST[1:0] - Factory Test. Input, Pins 24 and 25.
These pins are for factory test only. They include weak internal pull-downs (> 20 K
Ω), and
should be tied directly to VSS for normal operation.
REPEATER pin
DUPLEX mode
CRS Indicates
high
don’t care
receive activity only
low
full duplex
receive activity only
low
half duplex
receive or transmit activity
TCM pin
TX_CLK mode
CLK25 status
high
TX_CLK is input
CLK25 pin is an output
floating
TX_CLK is input
CLK25 is disabled
low
TX_CLK is output
CLK25 is disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com