Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8952T Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 13Page - Cirrus Logic CS8952T Datasheet HTML 14Page - Cirrus Logic CS8952T Datasheet HTML 15Page - Cirrus Logic CS8952T Datasheet HTML 16Page - Cirrus Logic CS8952T Datasheet HTML 17Page - Cirrus Logic CS8952T Datasheet HTML 18Page - Cirrus Logic CS8952T Datasheet HTML 19Page - Cirrus Logic CS8952T Datasheet HTML 20Page - Cirrus Logic CS8952T Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 86 page
background image
DS206TPP2
17
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
FUNCTIONAL DESCRIPTION
Digital System Interface
The primary digital interface to the CS8952T is an
enhanced IEEE 802.3 Media Independent Interface
(MII). The MII supports parallel data transfer, ac-
cess to the CS8952T Control and Status registers,
and several status and control pins.
For 100BASE-X applications, the digital data in-
terface can be either 4-bit parallel (nibbles) or 5-bit
parallel (symbols). For 10BASE-T applications,
the digital data format can be either 4-bit parallel
(nibbles) or one-bit serial.
While the CS8952T can be fully controlled through
configuration registers via the MII Management
Interface, most fundamental functions can be set at
power-up and reset time through external pins.
Major Operating Modes
The following sections describe the four major op-
erating modes of the CS8952T:
-
100BASE-TX Nibble Mode
-
100BASE-X Symbol Modes
-
10BASE-T Nibble Mode
-
10BASE-T Serial Mode
The digital interface mode (nibble, symbol, or seri-
al) is selected through input pins 10BT_SER,
BPALIGN and BP4B5B as shown in Table 1.
Table 1. Operating Mode Selection
The choice of operating speed and duplex mode is
made using the auto-negotiation input pins (AN0,
AN1) and/or the auto-negotiation MII registers.
Both speed and duplex modes can either be forced
or negotiated with the link partner as shown in
Table 5 on page 23.
100BASE-TX Nibble Mode
In 100BASE-TX nibble mode, the CS8952T pro-
vides an IEEE 802.3-compliant MII interface. Data
is transferred across the MII in four-bit nibbles.
TX_CLK and RX_CLK are nominally 25 MHz.
Symbol Encoding and Decoding
Four-bit nibble transmit data is encoded into five-
bit symbols for transmission onto the media as
shown in Tables 2 and 3. While this encoding caus-
es the symbol rate transmitted across the wire (125
symbols/second) to be greater than the actual data
rate of the system (100 symbols/second), it is nec-
essary to allow data and control symbols to be sent
consecutively along the same media transparent to
the MAC layer.
Operating Mode
10BT_SER
BPALIGN
BP4B5B
100BASE-TX Nibble
10BASE-T Nibble
000
100BASE-TX Symbol
001
01
Don’t Care
10BASE-T Serial
1
Don’t Care
Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com