Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8952T Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS8952T
Description  100BASE E-X AND 10BASE-T TRANSCEIVER
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952T Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS8952T Datasheet HTML 6Page - Cirrus Logic CS8952T Datasheet HTML 7Page - Cirrus Logic CS8952T Datasheet HTML 8Page - Cirrus Logic CS8952T Datasheet HTML 9Page - Cirrus Logic CS8952T Datasheet HTML 10Page - Cirrus Logic CS8952T Datasheet HTML 11Page - Cirrus Logic CS8952T Datasheet HTML 12Page - Cirrus Logic CS8952T Datasheet HTML 13Page - Cirrus Logic CS8952T Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 86 page
background image
10
DS206TPP2
CS8952T
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
CIRRUS LOGIC ADVANCED PRODUCT DATABOOK
When the TCM pin ishighonpower-up orreset,the CLK25pin maybe usedasasource for
the TX_CLK pin. When the TCM pin is floating on power-up or reset, TX_CLK must be
supplied externally. TX_CLK should have the following nominal frequency:
TX_EN - Transmit Enable. Input, Pin 43.
Asserted high to indicate valid data nibbles are present on TXD[3:0]. When BPALIGN is
selected,TX_EN must be pulleduptoVDD_MII.
TX_ER/TXD4 - Transmit Error Encoding/Transmit Data 4. Input, Pin 38.
When high, TX_ER indicates to the CS8952T that a transmit error has occurred. If TX_ER is
asserted simultaneously with TX_EN in 100 Mb/s mode, the CS8952T will ignore the data on
the TXD[3:0] pins and transmit one or more 100 Mb/s HALT symbols in its place. In 10 Mb/s
mode,TX_ER hasnoeffectonthe transmitteddata.
If BP4B5B or BPALIGN are set, TX_ER/TXD4 is used to transmit the most-significant bit of
the five-bit code group.
TXD[3:0] - Transmit Data. Input, Pins 47, 46, 45, and 44.
Transmit data input pins. For MII modes, nibble-wide data (synchronous to TX_CLK) must be
presented on pins TXD[3:0] when TX_EN is asserted high. TXD0 is the least significant bit. In
10 Mb/s serial mode, pin TXD0 is used as the serial input pin, and TXD[3:1] are ignored.
When either BP4B5B or BPALIGN is selected, pin TXD4 contains the most significant bit of
the five-bit code-group.
Control and Status Pins
10BT_SER - 10 Mb/s Serial Mode Select. Input, Pin 23.
When asserted high during power-up or reset and 10 Mb/s operation is selected, serial data will
be transferred on pins RXD0 and TXD0. When low during power-up or reset and 10 Mb/s
operation is selected, data is transferred a nibble at a time on RXD[3:0] and TXD[3:0]. This
pin is ignored during 100 Mb/s operation.
10 Mb/s serial mode may also be entered under software control through bit 9 of the 10BASE-
T Status Register (address 1Bh).
At power-up or at reset, the value on this pin is latched into bit 9 of the 10BASE-T Status
Register (address 1Bh). This pin includes a weak internal pull-down (> 20 K
Ω), or the value
may be set by an external 4.7 K
Ω pull-up or pull-down resistor.
Speed
10BT_SER pin
Nominal frequency
100 Mb/s
low (nibble)
25 MHz
10 Mb/s
low (nibble)
2.5 MHz
10 Mb/s
high (serial)
10 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com