Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8534IPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8534IPWR
Description  Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8534IPWR Datasheet(HTML) 5 Page - Texas Instruments

  DAC8534IPWR Datasheet HTML 1Page - Texas Instruments DAC8534IPWR Datasheet HTML 2Page - Texas Instruments DAC8534IPWR Datasheet HTML 3Page - Texas Instruments DAC8534IPWR Datasheet HTML 4Page - Texas Instruments DAC8534IPWR Datasheet HTML 5Page - Texas Instruments DAC8534IPWR Datasheet HTML 6Page - Texas Instruments DAC8534IPWR Datasheet HTML 7Page - Texas Instruments DAC8534IPWR Datasheet HTML 8Page - Texas Instruments DAC8534IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
DAC8534
SBAS254D
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, unless otherwise noted.
64
48
32
16
0
–16
–32
–48
–64
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
1.0
0.5
0.0
–0.5
–1.0
CHANNEL A
AV
DD = 5V
64
48
32
16
0
–16
–32
–48
–64
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
1.0
0.5
0.0
–0.5
–1.0
CHANNEL B
AV
DD = 5V
64
48
32
16
0
–16
–32
–48
–64
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
1.0
0.5
0.0
–0.5
–1.0
CHANNEL C
AV
DD = 5V
64
48
32
16
0
–16
–32
–48
–64
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
1.0
0.5
0.0
–0.5
–1.0
CHANNEL D
AV
DD = 5V
64
48
32
16
0
–16
–32
–48
–64
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
1.0
0.5
0.0
–0.5
–1.0
CHANNEL A
AV
DD = 2.7V
64
48
32
16
0
–16
–32
–48
–64
LINEARITY ERROR AND DIFFERENTIAL
LINEARITY ERROR vs DIGITAL INPUT CODE
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
1.0
0.5
0.0
–0.5
–1.0
CHANNEL B
AV
DD = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com