Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8534IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8534IPWR
Description  Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8534IPWR Datasheet(HTML) 1 Page - Texas Instruments

  DAC8534IPWR Datasheet HTML 1Page - Texas Instruments DAC8534IPWR Datasheet HTML 2Page - Texas Instruments DAC8534IPWR Datasheet HTML 3Page - Texas Instruments DAC8534IPWR Datasheet HTML 4Page - Texas Instruments DAC8534IPWR Datasheet HTML 5Page - Texas Instruments DAC8534IPWR Datasheet HTML 6Page - Texas Instruments DAC8534IPWR Datasheet HTML 7Page - Texas Instruments DAC8534IPWR Datasheet HTML 8Page - Texas Instruments DAC8534IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Quad Channel, Low Power, 16-Bit, Serial Input
DIGITAL-TO-ANALOG CONVERTER
APPLICATIONS
q PORTABLE INSTRUMENTATION
q CLOSED-LOOP SERVO-CONTROL
q PROCESS CONTROL
q DATA ACQUISITION SYSTEMS
q PROGRAMMABLE ATTENUATION
q PC PERIPHERALS
DESCRIPTION
The DAC8534 is a quad channel, 16-bit Digital-to-Analog
Converter (DAC) offering low-power operation and a flexible
serial host interface. Each on-chip precision output amplifier
allows rail-to-rail output swing to be achieved over the supply
range of 2.7V to 5.5V. The device supports a standard 3-wire
serial interface capable of operating with input data clock
frequencies up to 30MHz for IOVDD = 5V.
The DAC8534 requires an external reference voltage to set
the output range of each DAC channel. Also incorporated
into the device is a power-on reset circuit which ensures that
the DAC outputs power up at zero-scale and remain there
until a valid write takes place. The DAC8534 provides a per
channel power-down feature, accessed over the serial inter-
face, that reduces the current consumption to 200nA per
channel at 5V.
The low-power consumption of this device in normal opera-
tion makes it ideally suited to portable battery-operated
equipment and other low-power applications. The power
consumption is 5mW at 5V, reducing to 4
µW in power-down
mode.
The DAC8534 is available in a TSSOP-16 package with a
specified operating temperature range of –40
°C to +105°C.
FEATURES
q POWER SUPPLY: +2.7V to +5.5V
q microPOWER OPERATION: 950
µA at 5V
q 16-BIT MONOTONIC OVER TEMPERATURE
q SETTLING TIME: 10
µs to ±0.003% FSR
q ULTRA-LOW AC CROSSTALK: –100dB typ
q POWER-ON RESET TO ZERO-SCALE
q ON-CHIP OUTPUT BUFFER AMPLIFIER WITH
RAIL-TO-RAIL OPERATION
q DOUBLE BUFFERED INPUT ARCHITECTURE
q SIMULTANEOUS OR SEQUENTIAL OUTPUT
UPDATE AND POWER-DOWN
q 16 CHANNEL BROADCAST CAPABILITY
q SCHMITT-TRIGGERED INPUTS
q TSSOP-16 PACKAGE
DAC8534
SBAS254D – SEPTEMBER 2002 – REVISED MARCH 2004
www.ti.com
Copyright © 2002-2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Buffer
Control
Register
Control
8
Data
Buffer D
DAC
Register D
18
DAC D
Power-Down
Control Logic
24-Bit
Serial-to-
Parallel
Shift
Register
Resistor
Network
AV
DD
IOV
DD
GND
V
OUTA
V
OUTB
V
OUTC
V
OUTD
Data
Buffer A
DAC
Register A
DAC A
V
REFH
SYNC
SCLK
D
IN
A0
A1
LDAC ENABLE
V
REFL
®
DAC8
534
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments. All other trademarks are the property of their respective owners.


Similar Part No. - DAC8534IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8534IPWR TI1-DAC8534IPWR Datasheet
735Kb / 24P
Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8534IPWR TI2-DAC8534IPWR Datasheet
590Kb / 26P
Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
REVISED MARCH 2004
DAC8534IPWR.B TI2-DAC8534IPWR.B Datasheet
590Kb / 26P
Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
REVISED MARCH 2004
DAC8534IPWRG4 TI1-DAC8534IPWRG4 Datasheet
735Kb / 24P
Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8534IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7734 BURR-BROWN-DAC7734 Datasheet
1Mb / 24P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532 BURR-BROWN-DAC8532 Datasheet
402Kb / 17P
Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8534IPWRG4 TI1-DAC8534IPWRG4 Datasheet
735Kb / 24P
Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKG4 TI1-DAC8532IDGKG4 Datasheet
826Kb / 23P
Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKG4 TI-DAC8532IDGKG4 Datasheet
812Kb / 23P
Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532 TI-DAC8532_15 Datasheet
1Mb / 27P
DAC8532 Dual Channel, 16-Bit, Low Power, Serial Input Digital-To-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com