Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8534IPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8534IPWR
Description  Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8534IPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC8534IPWR Datasheet HTML 4Page - Texas Instruments DAC8534IPWR Datasheet HTML 5Page - Texas Instruments DAC8534IPWR Datasheet HTML 6Page - Texas Instruments DAC8534IPWR Datasheet HTML 7Page - Texas Instruments DAC8534IPWR Datasheet HTML 8Page - Texas Instruments DAC8534IPWR Datasheet HTML 9Page - Texas Instruments DAC8534IPWR Datasheet HTML 10Page - Texas Instruments DAC8534IPWR Datasheet HTML 11Page - Texas Instruments DAC8534IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DAC8534
8
SBAS254D
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, unless otherwise noted.
T
A = 25°C, SYNC Input (All others inputs = GND)
Reference Current Included
AV
DD = VREF = 5V
AV
DD = VREF = 2.7V
SUPPLY CURRENT vs LOGIC INPUT VOLTAGE
1750
1650
1550
1450
1350
1250
1150
1050
950
850
750
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
LOGIC (V)
AV
DD = VREF = 5V
Reference Current Included
HISTOGRAM OF CURRENT CONSUMPTION
1500
1000
500
0
AI
DD (µA)
AV
DD = VREF = 2.7V
Reference Current Included
HISTOGRAM OF CURRENT CONSUMPTION
1500
1000
500
0
AI
DD (µA)
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
–0.5
EXITING POWER-DOWN MODE
Time (3
µs/div)
AV
DD = VREF = 5V
Power-Up Code = FFFF
H
2.53
2.52
2.51
2.50
2.49
2.48
2.47
2.46
2.45
2.44
2.43
OUTPUT GLITCH
(Mid-Scale)
Time (1
µs/div)
AV
DD = VREF = 5V
Code 7FFF
H to 8000H to 7FFFH
(Glitch Occurs Every N • 4096
Code Boundary)
4.72
4.70
4.68
4.66
4.64
4.62
4.60
4.58
4.56
4.54
OUTPUT GLITCH
(Worst Case)
Time (1
µs/div)
AV
DD = VREF = 5V
Code EFFF
H to F000H to EFFFH
(Glitch Occurs Every N • 4096
Code Boundary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com