Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8534IPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8534IPWR
Description  Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8534IPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC8534IPWR Datasheet HTML 6Page - Texas Instruments DAC8534IPWR Datasheet HTML 7Page - Texas Instruments DAC8534IPWR Datasheet HTML 8Page - Texas Instruments DAC8534IPWR Datasheet HTML 9Page - Texas Instruments DAC8534IPWR Datasheet HTML 10Page - Texas Instruments DAC8534IPWR Datasheet HTML 11Page - Texas Instruments DAC8534IPWR Datasheet HTML 12Page - Texas Instruments DAC8534IPWR Datasheet HTML 13Page - Texas Instruments DAC8534IPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DAC8534
10
SBAS254D
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, unless otherwise noted.
AV
DD = 5V
AV
DD = 2.7V
AV
DD = VREF
–1dB FSR Digital Input, F
S = 52ksps
Measurement Bandwidth = 20kHz
SIGNAL-TO-NOISE RATIO vs OUTPUT FREQUENCY
98
96
94
92
90
88
86
84
0
500
1.0k
1.5k
2.0k
2.5k
3.0k
3.5k
4.0k
4.5k
Output Frequency (Hz)
AV
DD = VREF = 5V
F
S = 52ksps, –1dB FSR Digital Input
Measurement Bandwidth = 20kHz
THD
2nd-Harmonic
3rd-Harmonic
TOTAL HARMONIC DISTORTION vs
OUTPUT FREQUENCY
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
500
1.0k
1.5k
2.0k
2.5k
3.0k
3.5k
4.0k
Output Frequency (Hz)
AV
DD = VREF = 2.7V
F
S = 52ksps, –1dB FSR Digital Input
Measurement Bandwidth = 20kHz
THD
2nd-Harmonic
3rd-Harmonic
TOTAL HARMONIC DISTORTION vs
OUTPUT FREQUENCY
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
500
1.0k
1.5k
2.0k
2.5k
3.0k
3.5k
4.0k
Output Frequency (Hz)
FULL-SCALE SETTLING TIME
(Small-Signal-Positive Going Step)
Time (2
µs/div)
Small-Signal Settling Time
5mV/div
Trigger Pulse
FULL-SCALE SETTLING TIME
(Small-Signal-Negative Going Step)
Time (2
µs/div)
Small-Signal Settling Time
5mV/div
Trigger Pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com