Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8534IPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8534IPWR
Description  Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8534IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC8534IPWR Datasheet HTML 9Page - Texas Instruments DAC8534IPWR Datasheet HTML 10Page - Texas Instruments DAC8534IPWR Datasheet HTML 11Page - Texas Instruments DAC8534IPWR Datasheet HTML 12Page - Texas Instruments DAC8534IPWR Datasheet HTML 13Page - Texas Instruments DAC8534IPWR Datasheet HTML 14Page - Texas Instruments DAC8534IPWR Datasheet HTML 15Page - Texas Instruments DAC8534IPWR Datasheet HTML 16Page - Texas Instruments DAC8534IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
DAC8534
SBAS254D
www.ti.com
D23
D22
D21
D20
D19
D18
D17
D16
A1
A0
Load 1
Load 0
Don’t Care
DAC Sel 1 DAC Sel 0
PD0
This address selects 1 of 4 possible devices on a single SPI
data bus based on each device’s address pin(s) state.
0
0
X
0
0
0
Write To Buffer A w/Data
0
0
X
0
1
0
Write To Buffer B w/Data
0
0
X
1
0
0
Write To Buffer C w/Data
0
0
X
1
1
0
Write To Buffer D w/Data
Write To Buffer (selected by DB17 and DB18) w/Power-Down
Command
Write To Buffer w/Data and Load DAC (selected by DB17 and
DB18)
Write To Buffer w/Power-Down Command and Load DAC
(selected by DB17 and DB18)
10
X
Write To Buffer w/Data (selected by DB17 and DB18) and Load All
DACs
Write To Buffer w/Power-Down Command (selected by DB17 and
DB18) and Load All DACs
X
X
1
1
X
0
X
X
Load All DACs, All Device, and All Buffers with Stored Data
X
X
1
1
X
1
X
0
Write To All Devices and Load All Dacs, with SR Data
Write To All Devices w/Power-Down Command in SR
SCLK
SYNC
DIN
Invalid Write-Sync Interrupt:
SYNC HIGH Before 24th Falling Edge
Valid Write-Buffer/DAC Update:
SYNC HIGH After 24th Falling Edge
DB23 DB22
12
12
DB0
DB23 DB22
DB1
DB0
24th Falling
Edge
24th Falling
Edge
FIGURE 4. Interrupt and Valid SYNC Timing.
D15
D14
D13-D0
MSB
MSB-1
MSB-2...LSB
single 16-bit DAC with power-down circuitry, a temporary
storage register (TR), and a DAC register (DR). TR and DR
are both 18-bit wide. Two MSBs represent power-down
condition and 16LSBs represent data for TR and DR. By
adding bits 17 and 18 to TR and DR, a power-down condition
can be temporarily stored and used just like data. Internal
circuits ensure that DB15 and DB14 get transfered to TR17
and TR16 (DR17 and DR16), when DB16 = 1.
The DAC8534 treats the power-down condition like data and
all the operational modes are still valid for power-down. It is
possible to broadcast a power-down condition to all the
DAC8534s in a system, or it is possible to simultaneously
power-down a channel while updating data on other channels.
DB16, DB15, and DB14 = 100 represent a power-down
condition with Hi-Z output impedance for a selected channel.
Same is true for 111. 101 represents a power-down condition
with 1k output impedance and 110 represents a power-down
condition with 100k output impedance.
TABLE II. Control Matrix.
DESCRIPTION
(A0 and A1 should
correspond to the
package address set
via pins 13 and 14.)
See Below
0/1
0/1
(00, 01, 10, or 11)
(00, 01, 10, or 11)
(00, 01, 10, or 11)
(00, 01, 10, or 11)
(00, 01, 10, or 11)
01
X
10
X
Data
Data
Data
Data
Data
Data
Data
(see Table I)
0
(see Table I)
0
(see Table I)
0
(see Table I)
0
1
0
1
XX
1
1
X
1
X
1
X
When both bits are set to 0 or 1, the device enters a high-
impedance state with a typical power consumption of 3pA at
5V. For the two low impedance output modes, however, the
supply current falls to 100nA at 5V (50nA at 3V). Not only does
the supply current fall, but the output stage is also internally
switched from the output of the amplifier to a resistor network
of known values. This has the advantage that the output
impedance of the device is known while it is in power-down
mode. There are three different options for power-down: the
output is connected internally to GND through a 1k
Ω resistor,
a 100k
Ω resistor, or it is left open-circuited (High-Impedance).
The output stage is illustrated in Figure 5.
All analog circuitry is shut down when the power-down mode
is activated. Each DAC will exit power-down when PD0 is set
to 0, new data is written to the Data Buffer, and the DAC
channel receives a “Load” command. The time to exit power-
down is typically 2.5
µs for AV
DD = 5V and 5µs for AVDD = 3V
(see the Typical Characteristics).
Broadcast Modes
01
X
0
1
00
X
(Address Select)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com