Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8534IPWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8534IPWR
Description  Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8534IPWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC8534IPWR Datasheet HTML 5Page - Texas Instruments DAC8534IPWR Datasheet HTML 6Page - Texas Instruments DAC8534IPWR Datasheet HTML 7Page - Texas Instruments DAC8534IPWR Datasheet HTML 8Page - Texas Instruments DAC8534IPWR Datasheet HTML 9Page - Texas Instruments DAC8534IPWR Datasheet HTML 10Page - Texas Instruments DAC8534IPWR Datasheet HTML 11Page - Texas Instruments DAC8534IPWR Datasheet HTML 12Page - Texas Instruments DAC8534IPWR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
DAC8534
SBAS254D
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, unless otherwise noted.
Channel D Output
Channel B Output
Channel A Output
Channel C Output
ABSOLUTE ERROR
20
18
16
14
12
10
8
6
4
2
0
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
AV
DD = VREF = 5V
T
A = 25°C
Channel B Output
Channel A Output
Channel C Output
Channel D Output
ABSOLUTE ERROR
10
8
6
4
2
0
–2
–4
–6
–8
–10
0000
H 2000H
4000
H 6000H 8000H
Digital Input Code
A000
H C000H E000H FFFFH
AV
DD = VREF = 2.7V
T
A = 25°C
FULL-SCALE SETTLING TIME
(Large Signal)
6
5
4
3
2
1
0
Time (12
µs/div)
AV
DD = VREF = 5.5V
Output Loaded with
2k
Ω and 200pF
to GND
HALF-SCALE SETTLING TIME
(Large Signal)
3.0
2.5
2.0
1.5
1.0
0.5
0
Time (12
µs/div)
AV
DD = VREF = 5V
Output Loaded with
2k
Ω and 200pF
to GND
FULL-SCALE SETTLING TIME
(Large Signal)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Time (12
µs/div)
AV
DD = VREF = 2.7V
Output Loaded with
2k
Ω and 200pF
to GND
HALF-SCALE SETTLING TIME
1.5
1.0
0.5
0
Time (12
µs/div)
AV
DD = VREF = 2.7V
Output Loaded with
2k
Ω and 200pF
to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com