Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9211 Datasheet(PDF) 70 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 70 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 66Page - Dialog Semiconductor DA9211 Datasheet HTML 67Page - Dialog Semiconductor DA9211 Datasheet HTML 68Page - Dialog Semiconductor DA9211 Datasheet HTML 69Page - Dialog Semiconductor DA9211 Datasheet HTML 70Page - Dialog Semiconductor DA9211 Datasheet HTML 71Page - Dialog Semiconductor DA9211 Datasheet HTML 72Page - Dialog Semiconductor DA9211 Datasheet HTML 73Page - Dialog Semiconductor DA9211 Datasheet HTML 74Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
70 of 74
© 2015 Dialog Semiconductor GmbH
Register
Bit
Type
Label
Def
Description
0x147
CONFIG_E
7
R/W
STAND_ALONE
0
0: DA9211 and DA9212 is used as companion
IC to DA9063 or DA9063-compliant
1: DA9211 and DA9212 is stand alone or as
companion IC with another PMU not
DA9063-compliant
6
R/W
(reserved)
0
5:3
R/W
(reserved)
000
2:0
R/W
OSC_TUNE
000
Tune the main 6 MHz oscillator frequency:
000: no tune
001: +180 kHz
010: +360 kHz
011: +540 kHz
100: +720 kHz
101: 900 kHz
110: 1080 kHz
111: 1260 kHz
Register
Bit
Type
Label
Def
Description
0x148
CONFIG_F
7:4
R/W
IF_BASE_ADDR2
1101
If a second I2C address is to be selected on
ADR_SEL_CONF, this field configures the
second address.
4 MSB of 2-WIRE control interfaces base
address XXXX0000
11010000 = 0xD0 write address of PM 2-WIRE
interface (page 0 and 1)
11010001 = 0xD1 read address of PM 2-WIRE
interface (page 0 and 1)
11010010 = 0xD2 write address of PM-2-WIRE
interface (page 2 and 3)
11010011 = 0xD3 read address of PM-2-WIRE
interface (page 2 and 3)
Code ‘0000’ is reserved for unprogrammed OTP
(triggers start-up with hardware default interface
address)
3:2
R
(reserved)
00
1
R/W
ADDR_SEL_CON
F
00
Selects the GPI for the alternative I2C address
selection:
00: none
01: GPI0
10: GPI1
11: GPI4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com