Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9211 Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 1 Page - Dialog Semiconductor

  DA9211 Datasheet HTML 1Page - Dialog Semiconductor DA9211 Datasheet HTML 2Page - Dialog Semiconductor DA9211 Datasheet HTML 3Page - Dialog Semiconductor DA9211 Datasheet HTML 4Page - Dialog Semiconductor DA9211 Datasheet HTML 5Page - Dialog Semiconductor DA9211 Datasheet HTML 6Page - Dialog Semiconductor DA9211 Datasheet HTML 7Page - Dialog Semiconductor DA9211 Datasheet HTML 8Page - Dialog Semiconductor DA9211 Datasheet HTML 9Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
1 of 74
© 2015 Dialog Semiconductor GmbH
1.
General description
DA9211 and DA9212 are PMUs optimised for the supply of CPUs, GPUs, and DDR memory rails in
smartphones, tablets and other handheld applications. The fast transient response (10A/µs) and load
regulation are optimised for the new generation of multi-core application processors.
DA9212 integrates two dual-phase buck converters, each phase using a small external 0.47 µH
inductor. Each buck is capable of delivering up to 6 A output current at an output voltage in the range
0.3 - 1.57 V. The input voltage range of 2.8
– 5.5 V makes it suited for a wide variety of low voltage
systems, including all Li-Ion battery-powered applications.
DA9211 operates as a single four-phase buck converter delivering up to 12 A output current. To
guarantee the highest accuracy and to support multiple PCB routing scenarios without loss of
performance, a remote sensing capability is implemented in both DA9211 and DA9212.
The power devices are fully integrated, so no external FETs or Schottky diodes are needed.
A programmable soft start-up can be enabled, which limits the inrush current from the input node and
secures a slope-controlled activation of the rail.
The Dynamic Voltage Control (DVC) supports adaptive adjustment of the supply voltage depending
on the processor load, either via direct register writes through the communication interface (I2C or
SPI compatible) or via an input pin.
A voltage tracking functionality is implemented allowing the buck output voltage to be controlled by
an analogue input signal. This feature, together with a digital clock input, allows complete control of
the buck converter from external signals in the platform.
DA9211 and DA9212 feature integrated over-temperature and over-current protection for increased
system reliability without the need for external sensing components. The safety feature set is
completed by a VDDIO under voltage lockout.
The configurable I2C address selection via GPI allows multiple instances of DA9211 and DA9212 or
both to be placed in the application sharing the same communication interface with different
addresses.
2.
Key features
■ 2.8 V to 5.5 V Input voltage
■ 0.3 V to 1.57 V Output voltage
■ 12 A Output Current (DA9211)
■ 2x 6 A Output Current (DA9212)
■ 3 MHz nominal Switching Frequency
■ Max Inductor height 1.0 mm
■ ±1 % Accuracy (static)
■ ±3 % Accuracy (dynamic)
■ Dynamic Voltage Control (DVC)
■ Automatic Phase Shedding
■ Integrated Power Switches
■ Remote Sensing at Point of Load
■ I2C/SPI compatible Interface
■ Output Voltage Tracking Capability
■ Adjustable Soft Start
■ -40 to +85 ºC Temperature Range
■ Package 42 WL-CSP 0.4 mm pitch


Similar Part No. - DA9211

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DA9211 RENESAS-DA9211 Datasheet
2Mb / 75P
2.8 V to 5.5 V Input voltage
22-Feb-2022
DA9211-XXUU2 RENESAS-DA9211-XXUU2 Datasheet
2Mb / 75P
2.8 V to 5.5 V Input voltage
22-Feb-2022
DA9211-XXUU6 RENESAS-DA9211-XXUU6 Datasheet
2Mb / 75P
2.8 V to 5.5 V Input voltage
22-Feb-2022
More results

Similar Description - DA9211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5193 FAIRCHILD-FAN5193 Datasheet
524Kb / 21P
Two Phase Interleaved Synchronous Buck Converter
logo
Texas Instruments
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
Dual Output or Two-Phase Synchronous Buck Controller
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com