Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9211 Datasheet(PDF) 33 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 33 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 29Page - Dialog Semiconductor DA9211 Datasheet HTML 30Page - Dialog Semiconductor DA9211 Datasheet HTML 31Page - Dialog Semiconductor DA9211 Datasheet HTML 32Page - Dialog Semiconductor DA9211 Datasheet HTML 33Page - Dialog Semiconductor DA9211 Datasheet HTML 34Page - Dialog Semiconductor DA9211 Datasheet HTML 35Page - Dialog Semiconductor DA9211 Datasheet HTML 36Page - Dialog Semiconductor DA9211 Datasheet HTML 37Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
33 of 74
© 2015 Dialog Semiconductor GmbH
switching frequency can be tuned using register bit OSC_TUNE. The internal 6 MHz oscillator
frequency is tuned in steps of 180 kHz. This impacts the buck converter frequency in steps of 90 kHz
and helps to mitigate possible disturbances to other HF systems in the application.
Operation Modes and Phase Selection
13.1.2
The buck converters can operate in synchronous PWM mode and PFM mode. The operating mode is
selected using register bits BUCKA_MODE and BUCKB_MODE.
An automatic phase shedding can be enabled for each buck converter in PWM mode via
PH_SH_EN_A, PH_SH_EN_B, thereby automatically reducing or increasing the number of active
phases depending on the output load current. For DA9212 the phase shedding will automatically
change between 1-phase and 2-phase operation at a typical current of 1.3 A. For DA9211 the phase
shedding will automatically change between 1-phase and 4-phase operation at a typical current of
1.6 A. The PHASE_SEL_A and PHASE_SEL_B register fields limit the maximum number of active
phases under any conditions.
If the automatic operation mode is selected on BUCKA_MODE or BUCKB_MODE, the buck
converters will automatically change between synchronous PWM mode and PFM depending on the
load current. This improves the efficiency of the converters across the whole range of output load
currents.
Output Voltage Selection
13.1.3
The switching converter can be configured using either a 2-WIRE or a 4-WIRE interface. For security
reasons, the re-programming of registers that can cause damage when wrongly programmed (for
example, the voltage settings) can be disabled by asserting the control V_LOCK. When V_LOCK is
asserted, reprogramming the registers 0xD0 to 0x14F from control interfaces is disabled.
For each buck converter two output voltages can be pre-configured inside registers VBUCKA_A and
VBUCKB_A, and registers VBUCKA_B and VBUCKB_B. The output voltage can be selected by
either toggling register bits VBUCKA_SEL and VBUCKB_SEL or by re-programming the selected
voltage control register. Both changes will result into ramped voltage transitions, during which the
READY signal is asserted. After being enabled, the buck converter will by default use the register
settings in VBUCKA_A and VBUCKB_A unless the output voltage selection is configured via the GPI
port.
If
“00” has been selected in BUCKA_MODE or BUCKB_MODE, A-/B- voltage selection registers
VBUCKx_x control the operation of the PWM and PFM modes.
Regardless of the values programmed in the VBUCKx_A and VBUCKx_B registers, the registers
VBUCKA_MAX, VBUCKB_MAX will individually limit the output voltage that can be set for each of
the buck converters .
The buck converter provides an optional hardware enable/disable via selectable GPI, and configured
via control register bits BUCKA_GPI and BUCKB_GPI. A change of the output voltage from the state
of a GPI is enabled via control register bits VBUCKA_GPI and VBUCKB_GPI. After detecting a rising
or falling edge at the related GPIs, DA9211 and DA9212 will configure the buck converters according
to their status.
In addition to selecting between the A/B voltages, a track mode can be activated for Buck A to set the
output voltage. In the DA9211, the track mode is applied to the 4-phase buck converter. This feature
can be enabled on GPI0 via GPI0_PIN. The output voltage will be configured to follow the value
applied at a selected GPI pin. The voltage applied at GPI0 must be in the same range as the nominal
output voltage selectable for the buck rail (see VBUCKA_A and VBUCKA_B registers). In Track
Mode, only single ended remote sensing is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com