Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9211 Datasheet(PDF) 36 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 36 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 32Page - Dialog Semiconductor DA9211 Datasheet HTML 33Page - Dialog Semiconductor DA9211 Datasheet HTML 34Page - Dialog Semiconductor DA9211 Datasheet HTML 35Page - Dialog Semiconductor DA9211 Datasheet HTML 36Page - Dialog Semiconductor DA9211 Datasheet HTML 37Page - Dialog Semiconductor DA9211 Datasheet HTML 38Page - Dialog Semiconductor DA9211 Datasheet HTML 39Page - Dialog Semiconductor DA9211 Datasheet HTML 40Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
36 of 74
© 2015 Dialog Semiconductor GmbH
push-pull or open drain (selected via IRQ_TYPE). If an active high IRQ signal is required, it can be
achieved by asserting control IRQ_LEVEL (recommended for push-pull mode).
Examples of this type of information can be critical temperature and voltage, fault conditions, status
changes at GPI ports, and so forth. The event registers hold information about the events that have
occurred. Events are triggered by a status change at the monitored signals. When an event bit is set,
the nIRQ signal is asserted unless this interrupt is masked by a bit in the IRQ mask register. The
nIRQ will not be released until all event registers with asserted bits have been read and cleared. New
events that occur during reading an event register are held until the event register has been cleared,
ensuring that the host processor does not miss them.
GPIO Extender
13.2.4
DA9211 and DA9212 includes a GPIO extender that offers up to five 5 V-tolerant general purpose
input/output ports. Each port is ontrolled via registers from the host processor.
The GPIO3 and GPI4 ports are pin-shared with the 4-WIRE Control Interface. For instance, if
GPIO3_PIN = 01, GPI4_PIN = 01 (Interface selected), the GPIO3 and GPI4 ports will be exclusively
dedicated to output and chip-select signaling for 4-WIRE purposes. If the alternative function is
selected, all GPIOs configuration as per registers 0x58 to 0x5A and 0x145 will be ignored.
GPIs are supplied from the internal rail VDDCORE or VDDIO (selected via GPI_V) and can be
configured to be active high or active low (selected via GPIOx_TYPE). The input signals can be
debounced or directly change the state of the assigned status register GPIx to high or low, according
to the setting of GPIOx_MODE. The debouncing time is configurable via control DEBOUNCE (10 ms
default).
When ever the status has changed to its configured active state (edge sensitive), the assigned event
register is set and the nIRQ signal is asserted (unless this nIRQ is masked, see also Figure 36).
Whenever DA9211 and DA9212 is enabled and enters ON mode (also when enabled changing the
setting of GPIOx_PIN) the GPI status bits are initiated towards their configured passive state. This
ensures that already active signals are detected, and that they create an event immediately after the
GPI comparators are enabled.
The buck enable signal (BUCKx_EN) can be controlled directly via a GPI, if so configured in the
BUCKA_GPI and BUCKB_GPI registers. If it is required that GPI ports do not generate an event
when configured for the HW control of the switching regulator, the relative mask bit should be set.
GPIs can alternatively be selected to toggle the VBUCKA_SEL and VBUCKB_SEL from rising and
falling edges at this inputs. Apart from changing the regulator output voltage this also provides
hardware control of the regulator mode (normal/low power mode) from the settings of Error!
eference source not found., Error! Reference source not found., Error! Reference source not
found., and Error! Reference source not found. (enabled if BUCKA_MODE or BUCKB_MODE =
‘00’).
All GPI ports have the additional option of activating a 100 kΩ pull-down resistor via GPIOx_PUPD,
which ensures a well defined level in case the input is not actively driven.
If enabled via ADDR_SEL_CONF, the I2C address selection can be assigned to a specific GPI. An
active voltage level at the selected GPI configures the slave address of DA9211 and DA9212 to
IF_BASE_ADDR1 while a passive voltage level configures the slave address to IF_BASE_ADDR2. If
no GPI is selected then the IF_BASE_ADDR1 is automatically used.
If defined as an output, GPIOs can be configured to be open-drain or push-pull. If configured as
push-pull, the supply rail is VDDIO. By disabling the internal 120
kΩ pull-up resistor in open-drain
mode, the GPO can also be supplied from an external rail. The output state will be assigned as
configured by the GPIO register bit GPIOx_MODE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com