Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9211 Datasheet(PDF) 35 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 35 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 31Page - Dialog Semiconductor DA9211 Datasheet HTML 32Page - Dialog Semiconductor DA9211 Datasheet HTML 33Page - Dialog Semiconductor DA9211 Datasheet HTML 34Page - Dialog Semiconductor DA9211 Datasheet HTML 35Page - Dialog Semiconductor DA9211 Datasheet HTML 36Page - Dialog Semiconductor DA9211 Datasheet HTML 37Page - Dialog Semiconductor DA9211 Datasheet HTML 38Page - Dialog Semiconductor DA9211 Datasheet HTML 39Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
35 of 74
© 2015 Dialog Semiconductor GmbH
Table 12: Selection of the buck current limit from the coil parameters
Min ISAT (mA)
Frequency (MHz)
Buck current limit (mA)
Average current (mA)
5060
3
4600
3300
4180
3
3800
2700
3080
3
2800
2000
1760
3
1600
1100
Ports Description
13.2
This section describes the functionality of each input / output port.
VDDIO
13.2.1
VDDIO is an independent IO supply rail input to DA9211 and DA9212 that can be assigned to the
power manager interface and to the GPIOs (see control PM_IF_V and GPI_V). The rail assignment
determines the IO voltage levels and logical thresholds (see also the Digital I/O Characteristics in
Table 8).
An integrated under voltage lockout circuit for the VDDIO prevents internal errors by disabling the
I2C communication when the voltage drops below VULO_IO. In that case the buck converters are also
disabled and can not be re-enabled (even via input port) until the VDDIO under-voltage condition has
been resolved. At the exit of the VDDIO under voltage condition an event E_UVLO_IO is generated
and the nIRQ line is driven active if the event is not masked.
The VDDIO under-voltage circuit monitors voltages relative to a nominal voltage of 1.8V. If a different
rail voltage is being used, the under-voltage circuit can be disabled via UVLO_IO_DIS.
Note that the maximum speed at 4-WIRE interface is only available if the selected supply rail is
greater than 1.6 V.
IC_EN
13.2.2
IC_EN is a general enable signal for DA9211 and DA9212, turning on and off the internal circuitry
(for example, the reference, the digital core, etc). Correct control of this port has a direct impact on
the quiescent current of the whole application. A low level of IC_EN allows the device to reach the
minimum quiescent current. The voltage at this pin is continuously sensed by a dedicated analogue
circuit.
The host processor will be allowed to start the communication with DA9211 and DA9212 through the
Control Interface and, for example to turn on the buck converters, a delay time of tEN after assertion
of the IC_EN pin. If the bucks are enabled via OTP (see BUCKA_EN and BUCKB_EN controls), they
will start up automatically after assertion of IC_EN.
The IC_EN signal shall be asserted and deasserted only when the VDD_IO supply is available and
its level is above the undervoltage threshold level VTH_UVLO_IO.
nIRQ
13.2.3
The nIRQ port indicates that an interrupt-causing event has occurred and that the event/status
information is available in the related registers. The nIRQ is an output signal that can either be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com