Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA9211 Datasheet(PDF) 72 Page - Dialog Semiconductor

Part # DA9211
Description  Integrates two dual-phase buck converters
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9211 Datasheet(HTML) 72 Page - Dialog Semiconductor

Back Button DA9211 Datasheet HTML 66Page - Dialog Semiconductor DA9211 Datasheet HTML 67Page - Dialog Semiconductor DA9211 Datasheet HTML 68Page - Dialog Semiconductor DA9211 Datasheet HTML 69Page - Dialog Semiconductor DA9211 Datasheet HTML 70Page - Dialog Semiconductor DA9211 Datasheet HTML 71Page - Dialog Semiconductor DA9211 Datasheet HTML 72Page - Dialog Semiconductor DA9211 Datasheet HTML 73Page - Dialog Semiconductor DA9211 Datasheet HTML 74Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 72 / 74 page
background image
DA9211 and DA9212
Datasheet
Company confidential
Data sheet
Version <3.0>
<07-Jan-2015>
CFR0011-120-00 Rev 3
72 of 74
© 2015 Dialog Semiconductor GmbH
Table 18: Recommended inductor types
Applicatio
n
Value
Size
Imax(dc)
Isat
Tol
DC
res
Type
BUCK
4x
0.47 µH
2.0x1.6x
1.0 mm
3.6 A
4.1 A
+/-20%
32
mΩ
TOKO DFE201610P-
H-R47M
4x
0.47 µH
2.0x1.6x
1.2 mm
3.8 A
4.2 A
+/-30%
40
mΩ
TOKO DFE201612C
1286AS-H-R47M
4x
0.47 µH
2.5x2.0x
1.0 mm
3.6 A
3.9 A
+/-20%
35
mΩ
TOKO DFE252010C
1269AS-H-R47M
4x
0.47 µH
2.5x2.0x
1.2 mm
4.4 A
4.7 A
+/-20%
29
mΩ
TOKO DFE252012C
1239AS-H-R47M
4x
0.47 µH
2.0x1.6x
1.0 mm
2.7 A
3.5 A
+/-20%
38
mΩ
TDK TFM201610A
R47M
4x
0.47 µH
2.5x2.0x
1.0 mm
2.8 A
4.5 A
+/-20%
34
mΩ
TDK TFM252010A
R47M
4x
0.47 µH
2.0x1.6x
1.0mm
2.7 A
3.56 A
+/-20%
38
mΩ
Cyntec PIFE20161T
4x
0.47 µH
2.5x2.0x
1.0mm
3.5 A
4.5 A
+/-20%
34
mΩ
Cyntec PIFE25201T
4x
0.47 µH
2.5x2.0x
1.2mm
4.5 A
5.0 A
+/-20%
23
mΩ
Cyntec PIFE25201B
4x
0.47 µH
2.5x2.0x
1.2mm
3.7 A
3.9 A
+/-20%
25
mΩ
Cyntec PST25201B
4x
0.47 µH
2.0x2.0x
1.2mm
2.8 A
4.2 A
+/-30%
30
mΩ
Taiyo Yuden
MDMK2020T R47M
4x
0.47 µH
2.5x2.0x
1.2mm
3.9 A
4.8 A
+/-20%
30
mΩ
Taiyo Yuden
MAMK2520T R47M
4x
0.47 µH
2.0x1.6x
1.0mm
3.2 A
3.6 A
+/-20%
32
mΩ
Murata
LQM2MPNR47MGH
4x
0.47 µH
4x4x1.2
mm
8.7 A
6.7 A
+/-20%
14
mΩ
Coilcraft XFL4012-
471ME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com