Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7181BBCPZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 41Page - Analog Devices ADV7181BBCPZ Datasheet HTML 42Page - Analog Devices ADV7181BBCPZ Datasheet HTML 43Page - Analog Devices ADV7181BBCPZ Datasheet HTML 44Page - Analog Devices ADV7181BBCPZ Datasheet HTML 45Page - Analog Devices ADV7181BBCPZ Datasheet HTML 46Page - Analog Devices ADV7181BBCPZ Datasheet HTML 47Page - Analog Devices ADV7181BBCPZ Datasheet HTML 48Page - Analog Devices ADV7181BBCPZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
ADV7181B
Rev. 0 | Page 45 of 96
PVENDSIGN PAL VSync End Sign, Address 0xE9 [5]
Setting PVENDSIGN to 0 (default) delays the end of VSync. Set
for user manual programming.
Setting PVENDSIGN to 1 advances the end of VSync. Not
recommended for user programming.
PVEND[4:0] PAL VSync End, Address 0xE9,[4:0]
The default value of PVEND is 10100, indicating the PAL VSync
end position.
For all NTSC/PAL VSync timing controls, both the V bit in the
AV code and the VSync on the VS pin are modified.
PFTOGDELO PAL Field Toggle Delay on Odd Field,
Address 0xEA [7]
When PFTOGDELO is 0 (default), there is no delay.
Setting PFTOGDELO to 1 delays the F toggle/transition on an
odd field by a line relative to PFTOG.
PFTOGDELE PAL Field Toggle Delay on Even Field,
Address 0xEA [6]
When PFTOGDELE is 0, there is no delay.
Setting PFTOGDELE to 1 (default) delays the F
toggle/transition on an even field by a line relative to PFTOG.
PFTOGSIGN PAL Field Toggle Sign, Address 0xEA [5]
Setting PFTOGSIGN to 0 delays the Field transition. Set for
user manual programming.
Setting PFTOGSIGN to 1 (default) advances the Field
transition. Not recommended for user programming.
PFTOG PAL Field Toggle, Address 0xEA [4:0]
The default value of PFTOG is 00011, indicating the PAL Field
toggle position.
For all NTSC/PAL Field timing controls, the F bit in the AV
code and the Field signal on the FIELD/DE pin are modified.
ADVANCE TOGGLE OF
FIELD BY PTOG[4:0]
DELAY TOGGLE OF
FIELD BY PFTOG[4:0]
PFTOGSIGN
ODD FIELD?
0
1
NO
YES
PFTOGDELE
ADDITIONAL
DELAY BY
1 LINE
1
0
PFTOGDELO
ADDITIONAL
DELAY BY
1 LINE
1
0
FIELD
TOGGLE
NOT VALID FOR USER
PROGRAMMING
Figure 29. PAL F Toggle
SYNC PROCESSING
The ADV7181B has two additional sync processing blocks that
postprocess the raw synchronization information extracted
from the digitized input video. If desired, the blocks can be
disabled via the following two I2C bits.
ENHSPLL Enable HSync Processor, Address 0x01 [6]
The HSYNC processor is designed to filter incoming HSyncs
that have been corrupted by noise, providing improved per-
formance for video signals with stable time bases but poor SNR.
Setting ENHSPLL to 0 disables the HSync processor.
Setting ENHSPLL to 1 (default) enables the HSync processor.
ENVSPROC Enable VSync Processor, Address 0x01 [3]
This block provides extra filtering of the detected VSyncs to
give improved vertical lock.
Setting ENVSPROC to 0 disables the VSync processor.
Setting ENVSPROC to 1(default) enables the VSync processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com