Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7181BBCPZ Datasheet(PDF) 91 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 91 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 87Page - Analog Devices ADV7181BBCPZ Datasheet HTML 88Page - Analog Devices ADV7181BBCPZ Datasheet HTML 89Page - Analog Devices ADV7181BBCPZ Datasheet HTML 90Page - Analog Devices ADV7181BBCPZ Datasheet HTML 91Page - Analog Devices ADV7181BBCPZ Datasheet HTML 92Page - Analog Devices ADV7181BBCPZ Datasheet HTML 93Page - Analog Devices ADV7181BBCPZ Datasheet HTML 94Page - Analog Devices ADV7181BBCPZ Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 96 page
background image
ADV7181B
Rev. 0 | Page 91 of 96
DIGITAL INPUTS
The digital inputs on the ADV7181B are designed to work with
3.3 V signals, and are not tolerant of 5 V signals. Extra compo-
nents are needed if 5 V logic signals are required to be applied
to the decoder.
ANTIALIASING FILTERS
For inputs from some video sources that are not bandwidth
limited, signals outside the video band can alias back into the
video band during A/D conversion and appear as noise on the
output video. The ADV7181B oversamples the analog inputs by
a factor of 4. This 54 MHz sampling frequency reduces the
requirement for an input filter; for optimal performance it is
recommended that an antialiasing filter be employed. The
recommended low cost circuit for implementing this buffer and
filter circuit for all analog input signals is shown in Figure 43.
The buffer is a simple emitter-follower using a single npn
transistor. The antialiasing filter is implemented using passive
components. The passive filter is a third-order Butterworth
filter with a −3 dB point of 9 MHz. The frequency response of
the passive filter is shown in Figure 42. The flat pass band up to
6 MHz is essential. The attenuation of the signal at the output of
the filter due to the voltage divider of R24 and R63 is compen-
sated for in the ADV7181B part using the automatic gain control.
The ac-coupling capacitor at the input to the buffer creates a
high-pass filter with the biasing resistors for the transistor. This
filter has a cut-off of:
{2 × π × (R39||R89) × C93}–1 = 0.62 Hz
It is essential that the cutoff of this filter be less than 1 Hz to
ensure correct operation of the internal clamps within the part.
These clamps ensure that the video stays within the 5 V range of
the op amp used.
0
–20
–40
–60
–80
–100
–120
100k
30M
10M
3M
1M
300k
300M
1G
100M
FREQUENCY (Hz)
Figure 42. Third-Order Butterworth Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com