Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7181BBCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 23Page - Analog Devices ADV7181BBCPZ Datasheet HTML 24Page - Analog Devices ADV7181BBCPZ Datasheet HTML 25Page - Analog Devices ADV7181BBCPZ Datasheet HTML 26Page - Analog Devices ADV7181BBCPZ Datasheet HTML 27Page - Analog Devices ADV7181BBCPZ Datasheet HTML 28Page - Analog Devices ADV7181BBCPZ Datasheet HTML 29Page - Analog Devices ADV7181BBCPZ Datasheet HTML 30Page - Analog Devices ADV7181BBCPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 96 page
background image
ADV7181B
Rev. 0 | Page 27 of 96
AUTO SELECT LUMA
SHAPING FILTER TO
COMPLEMENT COMB
SET YSFM
YSFM IN AUTO MODE?
00000 OR 00001
VIDEO
QUALITY
BAD
GOOD
SELECT WIDEBAND
FILTER AS PER
WYSFM[4:0]
SELECT AUTOMATIC
WIDEBAND FILTER
WYSFMOVR
1
0
USE YSFM SELECTED
FILTER REGARDLESS FOR
GOOD AND BAD VIDEO
YES
NO
Figure 10. YSFM and WYSFM Control Flowchart
Table 28. YSFM Function
YSFM[4:0]
Description
0'0000
Automatic selection including a wide notch
response (PAL/NTSC/SECAM)
0'0001
(default)
Automatic selection including a narrow notch
response (PAL/NTSC/SECAM)
0'0010
SVHS 1
0'0011
SVHS 2
0'0100
SVHS 3
0'0101
SVHS 4
0'0110
SVHS 5
0'0111
SVHS 6
0'1000
SVHS 7
0'1001
SVHS 8
0'1010
SVHS 9
0'1011
SVHS 10
0'1100
SVHS 11
0'1101
SVHS 12
0'1110
SVHS 13
0'1111
SVHS 14
1'0000
SVHS 15
1'0001
SVHS 16
1'0010
SVHS 17
1'0011
SVHS 18 (CCIR 601)
1'0100
PAL NN 1
1'0101
PAL NN 2
1'0110
PAL NN 3
1'0111
PAL WN 1
1'1000
PAL WN 2
1'1001
NTSC NN 1
1'1010
NTSC NN 2
1'1011
NTSC NN 3
1'1100
NTSC WN 1
1'1101
NTSC WN 2
1'1110
NTSC WN 3
1'1111
Reserved
WYSFM[4:0] Wide Band Y Shaping Filter Mode,
Address 0x18 [4:0]
The WYSFM[4:0] bits allow the user to manually select a
shaping filter for good quality video signals, for example, CVBS
with stable time base, luma component of YPrPb, luma
component of YC. The WYSFM bits are only active if the
WYSFMOVR bit is set to 1. See the general discussion of the
shaping filter settings in the Y Shaping Filter section.
Table 29. WYSFM Function
WYSFM[4:0]
Description
0'0000
Do not use
0'0001
Do not use
0'0010
SVHS 1
0'0011
SVHS 2
0'0100
SVHS 3
0'0101
SVHS 4
0'0110
SVHS 5
0'0111
SVHS 6
0'1000
SVHS 7
0'1001
SVHS 8
0'1010
SVHS 9
0'1011
SVHS 10
0'1100
SVHS 11
0'1101
SVHS 12
0'1110
SVHS 13
0'1111
SVHS 14
1'0000
SVHS 15
1'0001
SVHS 16
1'0010
SVHS 17
1'0011 (default)
SVHS 18 (CCIR 601)
1'0100–1’1111
Do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com