Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7181BBCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 6Page - Analog Devices ADV7181BBCPZ Datasheet HTML 7Page - Analog Devices ADV7181BBCPZ Datasheet HTML 8Page - Analog Devices ADV7181BBCPZ Datasheet HTML 9Page - Analog Devices ADV7181BBCPZ Datasheet HTML 10Page - Analog Devices ADV7181BBCPZ Datasheet HTML 11Page - Analog Devices ADV7181BBCPZ Datasheet HTML 12Page - Analog Devices ADV7181BBCPZ Datasheet HTML 13Page - Analog Devices ADV7181BBCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 96 page
background image
ADV7181B
Rev. 0 | Page 10 of 96
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
HS
2
DGND
3
DVDDIO
4
P11
5
P10
6
P9
7
P8
8
SFL
9
DGND 10
DVDDIO 11
NC 12
NC 13
P7 14
P6 15
P5 16
AIN5
48
AIN4
47
AIN3
46
AGND
45
CAPC2
44
AGND
43
CML
42
REFOUT
41
AVDD
40
CAPY2
39
CAPY1
38
AGND
37
AIN2
36
AIN1
35
DGND
34
NC
33
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
ADV7181B
TOP VIEW
(Not to Scale)
NC = NO CONNECT
PIN 1
INDICATOR
INTRQ
Figure 4. 64-Lead LFCSP/LQFP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type
Function
3, 10, 24, 34, 57
DGND
G
Digital Ground.
32, 37, 43, 45
AGND
G
Analog Ground.
4, 11
DVDDIO
P
Digital I/O Supply Voltage (3.3 V).
23, 58
DVDD
P
Digital Core Supply Voltage (1.8 V).
40
AVDD
P
Analog Supply Voltage (3.3 V).
31
PVDD
P
PLL Supply Voltage (1.8 V).
35, 36, 46–49
AIN1–AIN6
I
Analog Video Input Channels.
12, 13, 27, 28, 33,
50, 55, 56
NC
No Connect Pins.
26, 25, 19, 18, 17,
16, 15, 14, 8, 7, 6, 5,
62, 61, 60, 59
P0–P15
O
Video Pixel Output Port.
2
HS
O
Horizontal Synchronization Output Signal.
64
VS
O
Vertical Synchronization Output Signal.
63
FIELD
O
Field Synchronization Output Signal.
1
INTRQ
O
Interrupt Request Output. Interrupt occurs when certain signals are detected on the input
video. See the interrupt register map in Table 82.
53
SDA
I/O
I2C Port Serial Data Input/Output Pin.
54
SCLK
I
I2C Port Serial Clock Input (Maximum Clock Rate of 400 kHz).
52
ALSB
I
This pin selects the I2C address for the ADV7181B. ALSB set to a Logic 0 sets the address for
a write as 0x40; for ALSB set to a logic high, the address selected is 0x42.
51
RESET
I
System Reset Input, Active Low. A minimum low reset pulse width of 5 ms is required to
reset the ADV7181B circuitry.
20
LLC
O
This is a line-locked output clock for the pixel data output by the ADV7181B. Nominally
27 MHz, but varies up or down according to video line length.
22
XTAL
I
This is the input pin for the 27 MHz crystal, or can be overdriven by an external 3.3 V,
27 MHz clock oscillator source. In crystal mode, the crystal must be a fundamental crystal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com