Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7181BBCPZ Datasheet(PDF) 79 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 79 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 75Page - Analog Devices ADV7181BBCPZ Datasheet HTML 76Page - Analog Devices ADV7181BBCPZ Datasheet HTML 77Page - Analog Devices ADV7181BBCPZ Datasheet HTML 78Page - Analog Devices ADV7181BBCPZ Datasheet HTML 79Page - Analog Devices ADV7181BBCPZ Datasheet HTML 80Page - Analog Devices ADV7181BBCPZ Datasheet HTML 81Page - Analog Devices ADV7181BBCPZ Datasheet HTML 82Page - Analog Devices ADV7181BBCPZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
ADV7181B
Rev. 0 | Page 79 of 96
Bits
Subaddress
Register
Bit Description
7
6
5
4
3
210
Comments
Notes
HSE[10:8]. HS end allows the
positioning of the HS output within
the video line.
0
0
0
HS output ends HSE[10:0]
pixels after the falling edge
of HSync
Reserved
0
Set to 0
HSB[10:8]. HS begin allows the
positioning of the HS output within
the video line.
0
0
0
HS output starts HSB[10:0]
pixels after the falling edge
of HSync
0x34
HS
Position
Control 1
Reserved
0
Set to 0
0x35
HS
Position
Control 2
HSB[7:0] See above, using HSB[10:0]
and HSE[10:0], the user can program
the position and length of HS output
signal.
0
0
0
0
0
0
1
0
0x36
HS
Position
Control 3
HSE[7:0] See above.
0
0
0
0
0
0
0
0
Using HSB and HSE
the user can
program the
position and length
of the output HSync
0
Invert polarity
PCLK. Sets the polarity of LLC1.
1
Normal polarity as per the
timing diagrams
Reserved
0
0
Set to 0
0
Active high
PF. Sets the FIELD polarity.
1
Active low
Reserved
0
Set to 0
0
Active high
PVS. Sets the VS Polarity.
1
Active low
Reserved
0
Set to 0
0
Active high
0x37
Polarity
PHS. Sets HS Polarity.
1
Active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com