Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7181BBCPZ Datasheet(PDF) 63 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 63 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 59Page - Analog Devices ADV7181BBCPZ Datasheet HTML 60Page - Analog Devices ADV7181BBCPZ Datasheet HTML 61Page - Analog Devices ADV7181BBCPZ Datasheet HTML 62Page - Analog Devices ADV7181BBCPZ Datasheet HTML 63Page - Analog Devices ADV7181BBCPZ Datasheet HTML 64Page - Analog Devices ADV7181BBCPZ Datasheet HTML 65Page - Analog Devices ADV7181BBCPZ Datasheet HTML 66Page - Analog Devices ADV7181BBCPZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 96 page
background image
ADV7181B
Rev. 0 | Page 63 of 96
Subaddress
Register Name
Reset Value
rw
Dec
Hex
PAL F Bit Toggle
0110 0011
rw
234
0xEA
Reserved
xxxx xxxx
rw
235-243
0xEB-0xF3
Drive Strength
xx01 0101
rw
244
0xF4
Reserved
xxxx xxxx
rw
245-247
0xF5-0xF7
IF Comp Control
0000 0000
rw
248
0xF8
VS Mode Control
0000 0000
rw
249
0xF9
Table 81. Common and Normal (Page 1) Register Map Bit Names
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Input Control
VID_SEL.3
VID_SEL.2
VID_SEL.1
VID_SEL.0
INSEL.3
INSEL.2
INSEL.1
INSEL.0
Video
Selection
ENHSPLL
BETACAM
ENVSPROC
Reserved
Output
Control
VBI_EN
TOD
OF_SEL.3
OF_SEL.2
OF_SEL.1
OF_SEL.0
SD_DUP_AV
Extended
Output
Control
BT656-4
TIM_OE
BL_C_VBI
EN_SFL_PI
RANGE
Reserved
Reserved
Autodetect
Enable
AD_SEC525_EN
AD_SECAM_EN
AD_N443_EN
AD_P60_EN
AD_PALN_EN
AD_PALM_EN
AD_NTSC_EN
AD_PAL_EN
Contrast
CON.7
CON.6
CON.5
CON.4
CON.3
CON.2
CON.1
CON.0
Reserved
Brightness
BRI.7
BRI.6
BRI.5
BRI.4
BRI.3
BRI.2
BRI.1
BRI.0
Hue
HUE.7
HUE.6
HUE.5
HUE.4
HUE.3
HUE.2
HUE.1
HUE.0
Default Value Y
DEF_Y.5
DEF_Y.4
DEF_Y.3
DEF_Y.2
DEF_Y.1
DEF_Y.0
DEF_VAL_
AUTO_EN
DEF_VAL_EN
Default Value C
DEF_C.7
DEF_C.6
DEF_C.5
DEF_C.4
DEF_C.3
DEF_C.2
DEF_C.1
DEF_C.0
ADI Control
SUB_USR_EN.0
Power
Management
RES
PWRDN
PDBP
Status 1
COL_KILL
AD_RESULT.2
AD_RESULT.1
AD_RESULT.0
FOLLOW_PW
FSC_LOCK
LOST_LOCK
IN_LOCK
Ident
IDENT.7
IDENT.6
IDENT.5
IDENT.4
IDENT.3
IDENT.2
IDENT.1
IDENT.0
Status 2
FSC NSTD
LL NSTD
MV AGC DET
MV PS DET
MVCS T3
MVCS DET
Status 3
PAL SW LOCK
INTERLACE
STD FLD LEN
FREE_RUN_ACT
SD_OP_50 Hz
GEMD
INST_HLOCK
Analog Clamp
Control
CCLEN
Digital Clamp
Control 1
DCT.1
DCT.0
Reserved
Shaping Filter
Control
CSFM.2
CSFM.1
CSFM.0
YSFM.4
YSFM.3
YSFM.2
YSFM.1
YSFM.0
Shaping Filter
Control 2
WYSFMOVR
WYSFM.4
WYSFM.3
WYSFM.2
WYSFM.1
WYSFM.0
Comb Filter
Control
NSFSEL.1
NSFSEL.0
PSFSEL.1
PSFSEL.0
Reserved
ADI Control 2
TRI_LLC
EN28XTAL
VS_JIT_COMP_EN
Reserved
Pixel Delay
Control
SWPC
AUTO_PDC_EN
CTA.2
CTA.1
CTA.0
LTA.1
LTA.0
Reserved
Misc Gain
Control
CKE
PW_UPD
AGC Mode
Control
LAGC.2
LAGC.1
LAGC.0
CAGC.1
CAGC.0
Chroma Gain
Control 1
CAGT.1
CAGT.0
CMG.11
CMG.10
CMG.9
CMG.8
Chroma Gain
Control 2
CMG.7
CMG.6
CMG.5
CMG.4
CMG.3
CMG.2
CMG.1
CMG.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com