Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7181BBCPZ Datasheet(PDF) 77 Page - Analog Devices

Part # ADV7181BBCPZ
Description  Multiformat SDTV Video Decoder
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181BBCPZ Datasheet(HTML) 77 Page - Analog Devices

Back Button ADV7181BBCPZ Datasheet HTML 73Page - Analog Devices ADV7181BBCPZ Datasheet HTML 74Page - Analog Devices ADV7181BBCPZ Datasheet HTML 75Page - Analog Devices ADV7181BBCPZ Datasheet HTML 76Page - Analog Devices ADV7181BBCPZ Datasheet HTML 77Page - Analog Devices ADV7181BBCPZ Datasheet HTML 78Page - Analog Devices ADV7181BBCPZ Datasheet HTML 79Page - Analog Devices ADV7181BBCPZ Datasheet HTML 80Page - Analog Devices ADV7181BBCPZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 96 page
background image
ADV7181B
Rev. 0 | Page 77 of 96
Bits
Subaddress
Register
Bit Description
7
6
5
4
3
210
Comments
Notes
0
0
No Delay
1
0
Luma 1 clk (37 nS) delayed
1
0
Luma 2 clk (74 nS) early
LTA[1:0]. Luma timing adjust allows
the user to specify a timing difference
between chroma and luma samples.
1
1
Luma 1 clk (37 nS) early
CVBS mode
LTA[1:0] = 00b;
S-Video mode
LTA[1:0]= 01b,
YPrPb mode
LTA[1:0] = 01b
Reserved
0
Set to Zero
0
0
0
Not valid setting
0
0
1
Chroma +2 pixels (early)
0
1
0
Chroma +1 pixel (early)
0
1
1
No delay
1
0
0
Chroma -1 pixel (late)
1
0
1
Chroma -2 pixels (late)
1
1
0
Chroma -3 pixels (late)
CTA[2:0]. Chroma timing adjust
allows a specified timing difference
between the luma and chroma
samples
1
1
1
Not valid setting
CVBS mode
CTA[2:0] = 011b
S-Video mode
CTA[2:0] = 101b
YPrPb mode
CTA[2:0] = 110b
0
Use values in LTA[1:0] and
CTA[2:0] for delaying
luma/chroma
AUTO_PDC_EN. Automatically
programs the LTA/CTA values so
that luma and chroma are aligned at
the output for all modes of
operation.
1
LTA and CTA values
determined automatically
0
No Swapping
0x27
Pixel Delay
Control
SWPC. Allows the Cr and Cb samples
to be swapped.
1
Swap the Cr and Cb O/P
samples
See
Swap_CR_CB_WB,
Addr 0x89
0x2B
0
Update once per video
line
PW_UPD. Peak white update
determines the rate of gain.
1
Update once per field
Peak white must be
enabled. See
LAGC[2:0]
Reserved
1
0
0
0
0
Set to default
0
Color kill disabled
CKE. Color kill enable allows the
color kill function to be switched on
and off.
1
Color kill enabled
For SECAM color kill,
threshold is set at
8%
See CKILLTHR[2:0]
Misc Gain
Control
Reserved
1
Set to default
0
0
Manual fixed gain
Use CMG[11:0]
0
1
Use luma gain for chroma
1
0
Automatic gain
Based on color burst
CAGC[1:0]. Chroma automatic gain
control selects the basic mode of
operation for the AGC in the chroma
path.
1
1
Freeze chroma gain
Reserved
1
1
Set to 1
0
0
0
Manual fixed gain
Use LMG[11:0]
0
0
1
AGC no override through
peak white. Man IRE
control.
Blank level to sync
tip
0
1
0
AGC auto-override
through peak white. Man
IRE control.
Blank level to sync
tip
0
1
1
AGC no override through
peak white. Auto IRE
control.
Blank level to sync
tip
1
0
0
AGC auto-override through
peak white. Auto IRE
control.
Blank level to sync
tip
1
0
1
AGC active video with
peak white
1
1
0
AGC active video with
average video
LAGC[2:0]. Luma automatic gain
control selects the mode of
operation for the gain control in the
luma path.
1
1
1
Freeze gain
0x2C
AGC Mode
Control
Reserved
1
Set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com