Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5376A Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 65Page - Cirrus Logic CS5376A Datasheet HTML 66Page - Cirrus Logic CS5376A Datasheet HTML 67Page - Cirrus Logic CS5376A Datasheet HTML 68Page - Cirrus Logic CS5376A Datasheet HTML 69Page - Cirrus Logic CS5376A Datasheet HTML 70Page - Cirrus Logic CS5376A Datasheet HTML 71Page - Cirrus Logic CS5376A Datasheet HTML 72Page - Cirrus Logic CS5376A Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 107 page
background image
CS5376A
69
19. GENERAL PURPOSE I/O
The General Purpose I/O (GPIO) block provides 12
general purpose pins to interface with external
hardware.
19.1 Pin Descriptions
GPIO[4:0]:CS[4:0] - Pins 32 - 36
Standard GPIO pins also used as SPI 2 chip selects.
GPIO[5:10] - Pins 37, 41 - 45
Standard GPIO pins.
GPIO11:EECS - Pin 46
Standard GPIO pin also used as an SPI 1 chip select
when booting from an external EEPROM.
19.2 GPIO Architecture
Each GPIO pin can be configured as input or out-
put, high or low, with a weak (~200 k
Ω) internal
pull-up resistor enabled or disabled. Several GPIO
pins also double as chip selects for the SPI 1 and
SPI 2 serial ports. Figure 38 shows the structure of
a bi-directional GPIO pin with SPI chip select func-
tionality.
When the CS5376A is used as an SPI master, either
when booting from EEPROM using SPI 1 or per-
forming master mode transactions using SPI 2, the
chip select signals from SPI 1 and SPI 2 are logi-
cally AND-ed with the GPIO data bit. The corre-
sponding GPIO pin should be initialized as output
mode and logical 1 to produce the chip select fall-
ing edge.
19.3 GPIO Registers
When used as standard GPIO pins, settings are pro-
grammed in the GPCFG0 and GPCFG1 registers.
GP_DIR bits set the input/output mode, GP_PULL
bits enable/disable the internal pull-up resistor, and
GP_DATA bits set the output data value. After re-
set, GPIO pins default as inputs with pull-up resis-
tors enabled.
19.4 GPIO Input Mode
When reading a value from the GP_DATA bits, the
returned data reports the current state of the pins. If
a pin is externally driven high it reads a logical 1, if
externally driven low it reads a logical 0. When a
GPIO pin is used as an input, the pull-up resistor
should be disabled to save power if it isn’t required.
19.5 GPIO Output Mode
When a GPIO pin is programmed as an output with
a data value of 0, the pin is driven low and the in-
ternal pull-up resistor is automatically disabled.
When programmed as an output with a data value
of 1, the pin is driven high and the pull-up resistor
is inconsequential.
Figure 38. GPIO Bi-directional Structure
CS output from SPI
GPIO/CS
GP_DIR
Data bit
GP_DATA
GP_PULL
Pull Up
Logic
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com