Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5376A Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 19Page - Cirrus Logic CS5376A Datasheet HTML 20Page - Cirrus Logic CS5376A Datasheet HTML 21Page - Cirrus Logic CS5376A Datasheet HTML 22Page - Cirrus Logic CS5376A Datasheet HTML 23Page - Cirrus Logic CS5376A Datasheet HTML 24Page - Cirrus Logic CS5376A Datasheet HTML 25Page - Cirrus Logic CS5376A Datasheet HTML 26Page - Cirrus Logic CS5376A Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 107 page
background image
CS5376A
23
5. RESET CONTROL
The CS5376A reset signal is active low. When re-
leased, a series of self-tests are performed and the
device either actively boots from an external EE-
PROM or enters an idle state waiting for microcon-
troller configuration.
5.1 Pin Descriptions
RESET - Pin 55
Reset input, active low.
BOOT - Pin 56
Boot mode select, latched following a RESET ris-
ing edge.
BOOT = 1 = EEPROM boot
BOOT = 0 = Microcontroller boot
5.2 Reset Self-Tests
After RESET is released but before booting, a se-
ries of digital filter self-tests are run. Results are
combined into the SELFTEST register (0x2F),
with 0x0AAAAA indicating all passed. Self-tests
require 60 ms to complete, after which configura-
tion commands are serviced.
5.3 Boot Configurations
The logic state of the BOOT pin after reset deter-
mines if the CS5376A actively reads configuration
information from EEPROM or enters an idle state
waiting for a microcontroller to write configuration
commands.
EEPROM Boot
When the BOOT pin is high after reset, the
CS5376A actively reads data from an external seri-
al EEPROM and then begins operation in the spec-
ified configuration. Configuration commands and
data are encoded in the EEPROM as specified in
the ‘Configuration By EEPROM’ section of this
data sheet, starting on page 26.
Microcontroller Boot
When the BOOT pin is low after reset, the
CS5376A enters an idle state waiting for a micro-
controller to write configuration commands and
initialize filter operation. Configuration commands
and data are written as specified in the ‘Configura-
tion By Microcontroller’ section of this data sheet,
starting on page 32.
RESET
Self-Tests
SELFTEST
Register
BOOT
Pin
EEPROM
Boot
µController
Boot
1
0
Figure 11. Reset Control Block Diagram
Self-Test
Type
Pass
Code
Fail
Code
Program ROM
0x00000A
0x00000F
Data ROM
0x0000A0
0x0000F0
Program RAM
0x000A00
0x000F00
Data RAM
0x00A000
0x00F000
Execution Unit
0x0A0000
0x0F0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com