Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5376A Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 13Page - Cirrus Logic CS5376A Datasheet HTML 14Page - Cirrus Logic CS5376A Datasheet HTML 15Page - Cirrus Logic CS5376A Datasheet HTML 16Page - Cirrus Logic CS5376A Datasheet HTML 17Page - Cirrus Logic CS5376A Datasheet HTML 18Page - Cirrus Logic CS5376A Datasheet HTML 19Page - Cirrus Logic CS5376A Datasheet HTML 20Page - Cirrus Logic CS5376A Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 107 page
background image
CS5376A
17
SWITCHING CHARACTERISTICS
CLK, SYNC, MCLK, MSYNC, and MDATAx
Notes: 3. Master clock frequencies above or below 32.768 MHz will affect generated clock frequencies.
4. Sampling synchronization between multiple CS5376A devices receiving identical SYNC signals.
Parameter
Symbol
Min
Typ
Max
Unit
Master Clock Frequency
(Note 3)
CLK
32
32.768
33
MHz
Master Clock Duty Cycle
DTY
40
-
60
%
Master Clock Rise Time
tRISE
--
20
ns
Master Clock Fall Time
tFALL
--
20
ns
Master Clock Jitter
JTR
-
-
300
ps
Synchronization after SYNC rising
(Note 4)
SYNC
-2
-
2
µs
MSYNC Setup Time to MCLK rising
tmsr
20
-
-
ns
MCLK rising to Valid MDATA
tmdv
--
75
ns
MSYNC falling to MCLK rising
tmsf
20
-
-
ns
MSYNC
MCLK
MDATAx
Figure 7. SYNC, MCLK, MSYNC, MDATA Interface Timing
tmsd
tmsd
tmsh
Data1
Data2
SYNC
fMCLK
2.048 MHz
1.024 MHz
tmsd = TMCLK / 4
tmsd = 122 ns
tmsd = 244 ns
tmsh = TMCLK
tmsh = 488 ns
tmsh = 976 ns
Note: SYNC input latched on MCLK rising edge. MSYNC output triggered by MCLK falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com