Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5376A Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS5376A
Description  LOW POWER MULTI CHANNEL DECIMATION FILTER
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS5376A Datasheet HTML 15Page - Cirrus Logic CS5376A Datasheet HTML 16Page - Cirrus Logic CS5376A Datasheet HTML 17Page - Cirrus Logic CS5376A Datasheet HTML 18Page - Cirrus Logic CS5376A Datasheet HTML 19Page - Cirrus Logic CS5376A Datasheet HTML 20Page - Cirrus Logic CS5376A Datasheet HTML 21Page - Cirrus Logic CS5376A Datasheet HTML 22Page - Cirrus Logic CS5376A Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 107 page
background image
CS5376A
19
3. SYSTEM DESIGN WITH CS5376A
Figure 9 illustrates a simplified block diagram of
the CS5376A in a multi-channel measurement sys-
tem.
Up to four differential sensors are connected
through CS3301/02 differential amplifiers to the
CS5371/72
∆Σ modulators, where analog to digital
conversion occurs. Each modulators 1-bit output
connects to a CS5376A MDATA input, where the
oversampled
∆Σ data is decimated and filtered to
24-bit output samples at a programmed output rate.
These output samples are buffered in an 8-deep
data FIFO and passed to the system telemetry on
command.
System self tests are performed by connecting the
CS5376A test bit stream (TBS) generator to the
CS4373 test DAC. Analog tests drive differential
signals from the CS4373 test DAC into the multi-
plexed inputs of the CS3301/02 amplifiers or di-
rectly to the sensors through external analog
switches. Digital loopback tests internally connect
the TBS digital output directly to the CS5376A
modulator inputs.
3.1 Power Supplies
The multi-channel system shown in Figure 9 typi-
cally operates from a ±2.5 V or 5 V analog power
supply and a 3.3 V digital power supply. The
CS5376A logic core can be powered from 3 V to
minimize power consumption, if required.
3.2 Reset Control
System reset is required only for the CS5376A de-
vice, and is a standard active low signal that can be
generated by a power supply monitor or microcon-
troller. Other system devices default to a power-
down state when the CS5376A is reset.
Figure 9. Multi-Channel System Block Diagram
∆Σ
Modulator
∆Σ
Modulator
Digital Filter
AMP
AMP
AMP
AMP
Geophone
or
Hydrophone
Sensor
Geophone
or
Hydrophone
Sensor
Geophone
or
Hydrophone
Sensor
Geophone
or
Hydrophone
Sensor
M
U
X
M
U
X
M
U
X
M
U
X
Test
DAC
µController
or
Configuration
EEPROM
Communication
Interface
CS3301
CS3302
CS5371
CS5371
CS5376A
CS4373
System Telemetry
CS3301
CS3302
CS3301
CS3302
CS3301
CS3302
CS5372
CS5372



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com