Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5036IPFCR Datasheet(PDF) 37 Page - Texas Instruments

Part # TAS5036IPFCR
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036IPFCR Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS5036IPFCR Datasheet HTML 33Page - Texas Instruments TAS5036IPFCR Datasheet HTML 34Page - Texas Instruments TAS5036IPFCR Datasheet HTML 35Page - Texas Instruments TAS5036IPFCR Datasheet HTML 36Page - Texas Instruments TAS5036IPFCR Datasheet HTML 37Page - Texas Instruments TAS5036IPFCR Datasheet HTML 38Page - Texas Instruments TAS5036IPFCR Datasheet HTML 39Page - Texas Instruments TAS5036IPFCR Datasheet HTML 40Page - Texas Instruments TAS5036IPFCR Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
Specifications
32
SLES044B—November 2002
TAS5036
5.4.1.2.2 Short Recovery
CONTROL SIGNAL PARAMETERS OVER RECOMMENDED OPERATING CONDITIONS (UNLESS OTHERWISE NOTED)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tw(PDN)
Pulse duration, PDN active
50
ns
td(R PDNR)
PDN high to reset rising edge
16 MCLKS
ns
tp(VALID_LOW)
1
µs
tp(VALID_HIGH)
4
5
ms
td(VOLUME)
42
ms
RESET
tp(VALID_LOW)
VALID 1–6
VOLUME 1–6
PDN
Normal
Operation
tw(PDN)
tp(VALID_HIGH)
td(VOLUME)
Normal
Operation
td(R PDNR)
Figure 5–3. Power-Down and Power-Up Timing—RESET Following PDN
5.4.1.3
Error Recovery Timing—ERR_RCVRY
CONTROL SIGNAL PARAMETERS OVER RECOMMENDED OPERATING CONDITIONS (UNLESS OTHERWISE NOTED)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tw(ER)
Pulse duration, ERR_RCVRY active
5 MCLKS
ns
tp(VALID_LOW)
Selectable for minimum or maximum
6
47
µs
tp(VALID_HIGH)
Selectable for minimum or maximum
4
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com