Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5036IPFCR Datasheet(PDF) 27 Page - Texas Instruments

Part # TAS5036IPFCR
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036IPFCR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TAS5036IPFCR Datasheet HTML 23Page - Texas Instruments TAS5036IPFCR Datasheet HTML 24Page - Texas Instruments TAS5036IPFCR Datasheet HTML 25Page - Texas Instruments TAS5036IPFCR Datasheet HTML 26Page - Texas Instruments TAS5036IPFCR Datasheet HTML 27Page - Texas Instruments TAS5036IPFCR Datasheet HTML 28Page - Texas Instruments TAS5036IPFCR Datasheet HTML 29Page - Texas Instruments TAS5036IPFCR Datasheet HTML 30Page - Texas Instruments TAS5036IPFCR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
Architecture Overview
22
SLES044B—November 2002
TAS5036
7 Bit Slave Address
R/W
8 Bit Register Address (N)
AA
8 Bit Register Data For
Address (N)
A
8 Bit Register Data For
Address (N)
A
7
6
5
432
1
0
7
6
54
32
1
0
7
6
54
32
1
0
7
6
54
32
1
0
Start
Stop
SDA
SCL
Figure 2–13. Typical I2C Sequence
There are no limits on the number of bytes that can be transmitted between start and stop conditions. When
the last word transfers, the master generates a stop condition to release the bus. A generic data transfer
sequence is also shown in Figure 2–13.
The 7-bit address for the TAS5036 is 001101X, where X is a programmable address bit. Using the CS0
terminal on the device, the LSB address bit is programmable to permit two devices to be used in a system.
These two addresses are licensed I2C addresses and do not conflict with other licensed I2C audio devices.
To communicate with the TAS5036, the I2C master uses 0011010 if CS0=0 and 0011011 if CS0=1. In addition
to the 7-bit device address, an 8-bit register address is used to direct communication to the proper register
location within the device interface.
Read and write operations to the TAS5036 can be done using single byte or multiple byte data transfers.
2.5.1 Single Byte Write
As shown in Figure 2–14, a single byte data write transfer begins with the master device transmitting a start
condition followed by the I2C device address and the read/write bit. The read/write bit determines the direction
of the data transfer. For a write data transfer, the read/write bit is 0. After receiving the correct I2C device
address and the read/write bit, the TAS5036 device responds with an acknowledge bit. Next, the master
transmits the address byte or bytes corresponding to the TAS5036 internal memory address being accessed.
After receiving the address byte, the TAS5036 again responds with an acknowledge bit. Next, the master
device transmits the data byte to be written to the memory address being accessed. After receiving the data
byte, the TAS5036 again responds with an acknowledge bit. Finally, the master device transmits a stop
condition to complete the single byte data write transfer.
A6
A5
A4
A3
A2
A1
A0
R/W ACK A7
A6
A5
A4
A3
A2
A1
A0
ACK
D7
D6
D5
D4
D3
D2
D1
D0
ACK
Start Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I2C Device Address and
Read/Write Bit
Register Address
Data Byte
Figure 2–14. Single Byte Write Transfer
2.5.2 Multiple Byte Write
A multiple byte data write transfer is identical to a single byte data write transfer except that multiple data bytes
are transmitted by the master device to TAS5036 as shown in Figure 2–15. After receiving each data byte,
the TAS5036 responds with an acknowledge bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com