Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5036IPFCR Datasheet(PDF) 4 Page - Texas Instruments

Part # TAS5036IPFCR
Description  SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5036IPFCR Datasheet(HTML) 4 Page - Texas Instruments

  TAS5036IPFCR Datasheet HTML 1Page - Texas Instruments TAS5036IPFCR Datasheet HTML 2Page - Texas Instruments TAS5036IPFCR Datasheet HTML 3Page - Texas Instruments TAS5036IPFCR Datasheet HTML 4Page - Texas Instruments TAS5036IPFCR Datasheet HTML 5Page - Texas Instruments TAS5036IPFCR Datasheet HTML 6Page - Texas Instruments TAS5036IPFCR Datasheet HTML 7Page - Texas Instruments TAS5036IPFCR Datasheet HTML 8Page - Texas Instruments TAS5036IPFCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
List of Illustrations
4
November 2002
SLES044B
5.1
Absolute Maximum Ratings Over Operat-
ing Temperature Ranges . . . . . . . . . . . . . .
29
5.2
Recommended Operating Conditions (Fs
= 48 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . .
29
5.3
Electrical Characteristics Over Recom-
mended Operating Conditions . . . . . . . . .
29
5.3.1
Static Digital Specifications
Over Recommended Operat-
ing Conditions . . . . . . . . . . . . .
29
5.3.2
Digital Interpolation Filter and
PWM Modulator Over Recom-
mended Operating Conditions
Fs = 48 kHz . . . . . . . . . . . . . . .
29
5.3.3
TAS5036/TAS5100 System
Performance Measured at the
Speaker Terminals Over
Recommended Operating
Conditions . . . . . . . . . . . . . . . . .
30
5.4
Switching Characteristics . . . . . . . . . . . . .
30
5.4.1
Command Sequence Timing .
30
5.4.2
Serial Audio Port . . . . . . . . . . .
34
5.4.3
Serial Control Port—I2C Op-
eration . . . . . . . . . . . . . . . . . . . .
37
6
Application Information . . . . . . . . . . . . . . . . . . . .
38
6.1
Serial Audio Interface Clock Master and
Slave Interface Configuration . . . . . . . . . .
39
6.1.1
Slave Configuration . . . . . . . . .
39
6.1.2
Master Configuration . . . . . . .
39
Appendix A—Volume Table . . . . . . . . . . . . . . . . . . . .
41
List of Illustrations
Figure
Title
Page
2–1 Crystal Circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
8
2–2 External PLL Loop Filter . . . . . . . . . . . . . . . . . . . .
10
2–3 I2S 64-Fs Format . . . . . . . . . . . . . . . . . . . . . . . . . .
11
2–4 I2S 48-Fs Format . . . . . . . . . . . . . . . . . . . . . . . . . .
12
2–5 Left-Justified 64-Fs Format . . . . . . . . . . . . . . . . . .
12
2–6 Left-Justified 48-Fs Format . . . . . . . . . . . . . . . . . .
13
2–7 Right-Justified 64-Fs Format . . . . . . . . . . . . . . . . .
13
2–8 Right-Justified 48-Fs Format . . . . . . . . . . . . . . . . .
14
2–9 DSP Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
14
2–10 Attenuation Curve . . . . . . . . . . . . . . . . . . . . . . . . .
17
2–11 De-Emphasis Filter Characteristics . . . . . . . . . .
19
2–12 PWM Outputs and H-Bridge Driven in BTL
Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . .
21
2–13 Typical I2C Sequence . . . . . . . . . . . . . . . . . . . . .
22
2–14 Single Byte Write Transfer . . . . . . . . . . . . . . . . .
22
2–15 Multiple Byte Write Transfer . . . . . . . . . . . . . . . .
23
2–16 Single Byte Read . . . . . . . . . . . . . . . . . . . . . . . . .
23
2–17 Multiple Byte Read . . . . . . . . . . . . . . . . . . . . . . . .
23
4–1 RESET During System Initialization . . . . . . . . . . .
28
5–1 RESET Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
30
5–2 Power-Down and Power-Up Timing—RESET
Preceding PDN . . . . . . . . . . . . . . . . . . . . . . . . .
31
5–3 Power-Down and Power-Up Timing—RESET
Following PDN . . . . . . . . . . . . . . . . . . . . . . . . . .
32
5–4 Error Recovery Timing . . . . . . . . . . . . . . . . . . . . . .
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com