Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM20 Datasheet(PDF) 28 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 28 Page - Microchip Technology

Back Button BM20 Datasheet HTML 24Page - Microchip Technology BM20 Datasheet HTML 25Page - Microchip Technology BM20 Datasheet HTML 26Page - Microchip Technology BM20 Datasheet HTML 27Page - Microchip Technology BM20 Datasheet HTML 28Page - Microchip Technology BM20 Datasheet HTML 29Page - Microchip Technology BM20 Datasheet HTML 30Page - Microchip Technology BM20 Datasheet HTML 31Page - Microchip Technology BM20 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 28
Preliminary Edition
6.2 REGULATORY APPROVAL
BM23 has got these countries regulatory approval:
•
United States; FCC ID: A8TBM23SPKXYC2A
•
Canada; IC ID: 12246A-BM23SPKXYC2
•
Europe
•
Japan;
•
Korea; Certification No.: MSIP-CRM-S9S-BM23SPKXY
•
Taiwan; NCC No.: CCAL15LP0270T3
BM20 has got these contries regulatory approval
CE: BM20SPKXYNBZ
United States: FCC: A8TBM20SPKXYNBZ
Canada:IC ID: 12246A-BM20SPKS1
HVIN:BM20SPKS1
Japan: 202-SMD048
Korea KCC: MSP-CRM-mcp-BM20SPKS1NBC
Taiwan NCC: CCAN15LP0460T2
China SRRC: CMIIT ID:2015DJ7134
For more information, please reference appendix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com