Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM20 Datasheet(PDF) 34 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 34 Page - Microchip Technology

Back Button BM20 Datasheet HTML 30Page - Microchip Technology BM20 Datasheet HTML 31Page - Microchip Technology BM20 Datasheet HTML 32Page - Microchip Technology BM20 Datasheet HTML 33Page - Microchip Technology BM20 Datasheet HTML 34Page - Microchip Technology BM20 Datasheet HTML 35Page - Microchip Technology BM20 Datasheet HTML 36Page - Microchip Technology BM20 Datasheet HTML 37Page - Microchip Technology BM20 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 34
Preliminary Edition
•
Refer to the solder paste data sheet for specific reflow profile recommendations
•
Use no‐clean flux solder paste
•
Do not wash as moisture can be trapped under the shield
•
Use only one flow. If the PCB requires multiple flows, apply the module on the final flow.
8.0 PACKAGING AND STORAGE INFORMATION
The module is packaged into trays (see following page) of sixty three (63) modules in a 7 x 9 format.
These trays are then sealed into bags. Ten sealed bags are then placed in a box of 630 pieces with a
dimension of 36 * 16 * 9.5 cm
3.
The shelf life of each module in a sealed bag is 12 months at <40°C and <90% relative humidity.
After a bag is opened, devices that will be subjected to reflow solder or other high temperature
processes must be mounted within 168 hours (7 days) at factory conditions of <30°C and <60% relative
humidity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com