Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM20 Datasheet(PDF) 1 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 1 Page - Microchip Technology

  BM20 Datasheet HTML 1Page - Microchip Technology BM20 Datasheet HTML 2Page - Microchip Technology BM20 Datasheet HTML 3Page - Microchip Technology BM20 Datasheet HTML 4Page - Microchip Technology BM20 Datasheet HTML 5Page - Microchip Technology BM20 Datasheet HTML 6Page - Microchip Technology BM20 Datasheet HTML 7Page - Microchip Technology BM20 Datasheet HTML 8Page - Microchip Technology BM20 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
 2015 Microchip Technology Inc.
Page 1
Preliminary Edition
BM20/BM23
Bluetooth® 4.1 Stereo Audio Module
Features:
Complete, Fully Certified, Embedded
2.4 GHz Bluetooth® Version 4.1
Module
 Bluetooth Classic (BDR/EDR)
 Bluetooth SIG Certified
 Onboard embedded Bluetooth Stack
 Transparent UART mode for seamless serial
data over UART interface
 Easy to configure with Windows GUI or direct
by MCU
 Firmware can be field upgradable via UART
 Compact surface mount module: 29 x 15 x
2.5 mm
3
 Castellated surface mount pads for easy
and reliable host PCB mounting
 Environmentally friendly, RoHS compliant
 Perfect for Portable Battery Operated
Devices
 Internal Battery Regulator Circuitry
 Worldwide regulatory certifications
 Audio-In / Out
BM23 support digital audio I
2S format.
BM20 support analog audio output.
Operational:
 Operating voltage: 3.0V to 4.2V
 Temperature range: ‐20C to 70°C
 Simple, UART interface
 Integrated crystal, internal voltage
regulator, and matching circuitry
 Multiple I/O pins for control and status
RF/Analog:
 Frequency: 2.402 to 2.480 GHz
 Receive Sensitivity: ‐91 dBm (2Mbps EDR)
 Power Output: class 2 / +4dBm max.
 Connection Distance: >10m
(free space and no interference)
Audio processor
 Support 64 kb/s A-Law or
-Law PCM format, or
CVSD (Continuous Variable Slope Delta
Modulation) for SCO channel operation.
 Noise suppression
 Echo suppression
 SBC and optional AAC decoding
 Packet loss concealment
 Build-in four languages (Chinese/ English/
Spanish/ French) voice prompts and 20 events for each
one (This function can be set up in “IS20XXS_UI” tool.)
 Support SCMS-T
Audio Codec
 20 bit DAC and 16 bit ADC codec
 98dB SNR DAC playback
Peripherals
 Built-in Lithium-ion battery charger (up to 350mA)
 Integrate 3V, 1.8V configurable switching regulator and
LDO
 Built-in ADC for battery monitor and voltage sense.
 A line-in port for external audio input
Two LED drivers
Flexible HCI interface
 High speed HCI-UART (Universal Asynchronous
Receiver Transmitter) interface (up to 921600bps)
MAC/Baseband/Higher Layer:
 Secure AES128 encryption
 Bluetooth profiles
- HFP v1.6
- HSP v1.1
- A2DP v1.2
- AVRCP v1.5
- SPP v1.0
- PBAP v1.0
Antenna:
 Printed Antenna
Compliance:
 Bluetooth SIG QDID: 58996
 Module certified for the United States (FCC) and
Canada (IC), European Economic Area (CE),
Korea (LTA), Taiwan (NCC) and Japan (MIC)


Similar Part No. - BM20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM20 ETC2-BM20 Datasheet
2Mb / 30P
BM20 BLUETOOTH
logo
AEROTECH US. ALL RIGHTS...
BM200 AEROTECH-BM200 Datasheet
934Kb / 10P
Brushless Rotary Motors
logo
List of Unclassifed Man...
BM201 ETC-BM201 Datasheet
285Kb / 1P
GENERAL SPECIFICATIONS
logo
Sumida Corporation
BM2014 SUMIDA-BM2014 Datasheet
214Kb / 1P
19.5횞9.5mm Max.(L횞W),14.5mm Max. Height
BM2015 SUMIDA-BM2015 Datasheet
37Kb / 1P
21.0횞10.5mm Max.(L횞W),15.5mm Max. Height.
More results

Similar Description - BM20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BT-STA2425 STMICROELECTRONICS-BT-STA2425 Datasheet
433Kb / 13P
Bluetooth® technology module
10-Dec-2007
logo
Panasonic Semiconductor
PAN1321I PANASONIC-PAN1321I Datasheet
658Kb / 2P
BLUETOOTH짰 RF MODULE
logo
List of Unclassifed Man...
WT32-A-AI ETC2-WT32-A-AI Datasheet
317Kb / 2P
WT32 Bluetooth짰 Audio Module?
logo
Microchip Technology
BM63 MICROCHIP-BM63 Datasheet
3Mb / 56P
Bluetooth짰 4.2 Stereo Audio Module
07/14/15
BM62 MICROCHIP-BM62 Datasheet
4Mb / 70P
Bluetooth짰 4.2 Stereo Audio Module
07/14/15
BM83 MICROCHIP-BM83 Datasheet
4Mb / 74P
BM83 Bluetooth짰 Stereo Audio Module Data Sheet
2019
logo
List of Unclassifed Man...
IS2020 ETC2-IS2020 Datasheet
2Mb / 57P
Bluetooth짰 4.1 Stereo Audio SOC
logo
Mitsumi Electronics, Co...
WML-C95 MITSUMI-WML-C95 Datasheet
76Kb / 2P
Bluetooth짰 HCI Module
logo
STMicroelectronics
SPBT3.0DP2 STMICROELECTRONICS-SPBT3.0DP2 Datasheet
839Kb / 31P
Bluetooth® Classic module
May-2018
logo
List of Unclassifed Man...
CSR57E6 ETC2-CSR57E6 Datasheet
1Mb / 11P
Bluetooth Stereo Audio Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com