Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM20 Datasheet(PDF) 14 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 14 Page - Microchip Technology

Back Button BM20 Datasheet HTML 10Page - Microchip Technology BM20 Datasheet HTML 11Page - Microchip Technology BM20 Datasheet HTML 12Page - Microchip Technology BM20 Datasheet HTML 13Page - Microchip Technology BM20 Datasheet HTML 14Page - Microchip Technology BM20 Datasheet HTML 15Page - Microchip Technology BM20 Datasheet HTML 16Page - Microchip Technology BM20 Datasheet HTML 17Page - Microchip Technology BM20 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 14
Preliminary Edition
FIGURE 2-7: TIMING SEQUENCE OF POWER DROP PROTECTION
BAT_IN +4V
RST_N from Reset IC
If
BT’s BAT use adaptor translates voltage by LDO, we recommend use “Reset IC” to avoid power
off suddenly. Rest IC spec output pin must be “Open Drain”、delay time ≦ 10ms
Recommend part: TCM809SVNB713 or G691L263T73
Power
2.9V ~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com