Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM20 Datasheet(PDF) 18 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 18 Page - Microchip Technology

Back Button BM20 Datasheet HTML 14Page - Microchip Technology BM20 Datasheet HTML 15Page - Microchip Technology BM20 Datasheet HTML 16Page - Microchip Technology BM20 Datasheet HTML 17Page - Microchip Technology BM20 Datasheet HTML 18Page - Microchip Technology BM20 Datasheet HTML 19Page - Microchip Technology BM20 Datasheet HTML 20Page - Microchip Technology BM20 Datasheet HTML 21Page - Microchip Technology BM20 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 18
Preliminary Edition
3.0 ELECTRICAL CHARACTERISTICS
Table 3-1: ABSOLUTE MAXIMUM SPECIFICATION
Symbol
Parameter
Min
Max
Unit
BAT_IN
Input voltage for battery
0
4.3
V
ADAP_IN
Input voltage for adaptor
0
7.0
V
TSTORE
Storage temperature
-65
+150
ºC
TOPERATION
Operation temperature
-20
+70
ºC
Table 3-2: RECOMMENDED OPERATING CONDITION
Symbol
Parameter
Min
Typical
Max
Unit
BAT_IN
Input voltage for battery
3
3.7
4.2
V
ADAP_IN
Input voltage for adaptor
4.5
5
5.5
V
TOPERATION
Operation temperature
-20
+25
+70
ºC
Note:
Absolute and Recommended operating condition tables reflect typical usage for device.
TABLE 3-3: I/O AND RESET LEVEL
Parameter
Min.
Typ.
Max.
Units
I/O Supply Voltage (VDD_IO)
2.7
3.0
3.3
V
I/O Voltage Levels
VIL input logic levels low
‐0.3
0.8
V
VIH input logic levels high
2.0
3.6
V
VOL output logic levels low
0.4
V
VOH output logic levels high
2.4
V
RESET
V
TH,RES threshold voltage
1.6
V
Note:
(1) VDD_IO voltage is programmable by EEPROM parameters.
(2) These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com