Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM20 Datasheet(PDF) 6 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 6 Page - Microchip Technology

Back Button BM20 Datasheet HTML 2Page - Microchip Technology BM20 Datasheet HTML 3Page - Microchip Technology BM20 Datasheet HTML 4Page - Microchip Technology BM20 Datasheet HTML 5Page - Microchip Technology BM20 Datasheet HTML 6Page - Microchip Technology BM20 Datasheet HTML 7Page - Microchip Technology BM20 Datasheet HTML 8Page - Microchip Technology BM20 Datasheet HTML 9Page - Microchip Technology BM20 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 6
Preliminary Edition
Pin No.
Pin type
Name
Description
9
O
SPKL
L-channel analog headphone output
10
P
VDDA
Positive power supply/reference voltage for CODEC, no need to add power
to this pin.
11
I
MIC1_P
Mic 1 mono differential analog positive input
12
I
MIC1_N
Mic 1 mono differential analog negative input
13
P
MIC_BIAS
Electric microphone biasing voltage
14
I
AIR
R-channel single-ended analog inputs
15
I
AIL
L-channel single-ended analog inputs
16
I
RST
System Reset Pin, Low: reset
17
P
VCC_RF
1.28V RF LDO output, no need to add power to this pin.
18
I/O
P0_1
IO pin, default pull-high input (Note 1)
1. FWD key when class 2 RF (default), active low.
2. Class1 TX Control signal of external RF T/R switch, active high.
19
P
VDD_IO
Power output , no need to add power to this pin
20
P
ADAP_IN
5V Power adaptor input
21
P
BAT_IN
3.3V~4.2V Li-Ion battery input
22
-
NC
No Connection
23
P
GND
Ground Pin
24
P
SYS_PWR
System Power Output
BAT mode: 3.3~4.2V
Adapter mode: 4.0V
25
P
BK_OUT
1.8V buck output, no need to add power to this pin
26
I
MFB
1. Power key when in off mode
2. UART_RX_IND: MCU use to wakeup BT (Note 1)
27
I
LED1
LED Driver 1
28
I
LED2
LED Driver 2
29
I
P2_4
IO pin, default pull-high input
System Configuration,
L: Boot Mode with P2_0 low combination
30
I
P0_2
IO pin, default pull-high input (Note 1)
Play/Pause key (default), active low.
31
I/O
P0_3
IO pin, default pull-high input (Note 1)
1. REV key (default), active low.
2. Buzzer Signal Output
3. Out_Ind_1
4. Class1 RX Control signal of external RF T/R switch, active high.
32
O
HCI_TXD
HCI-UART TX data
33
I
HCI_RXD
HCI-UART RX data
34
I
P0_5
IO pin, default pull-high input (Note 1)
Volume down (default), active low.
35
I
P2_7
IO pin, default pull-high input (Note 1)
Volume up key (default), active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com