Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM20 Datasheet(PDF) 19 Page - Microchip Technology

Part # BM20
Description  Bluetooth짰 4.1 Stereo Audio Module
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

BM20 Datasheet(HTML) 19 Page - Microchip Technology

Back Button BM20 Datasheet HTML 15Page - Microchip Technology BM20 Datasheet HTML 16Page - Microchip Technology BM20 Datasheet HTML 17Page - Microchip Technology BM20 Datasheet HTML 18Page - Microchip Technology BM20 Datasheet HTML 19Page - Microchip Technology BM20 Datasheet HTML 20Page - Microchip Technology BM20 Datasheet HTML 21Page - Microchip Technology BM20 Datasheet HTML 22Page - Microchip Technology BM20 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
Stereo Module
 2015 Microchip Technology Inc.
Page 19
Preliminary Edition
Table 3-4: BATTERY CHARGER
Parameter
Min
Typical
Max
Unit
ADAP_IN Input Voltage
4.5
5.0
5.5
V
Supply current to charger only
3
4.5
mA
Maximum Battery
Fast Charge Current
Note: ENX2=0
Headroom > 0.7V
(ADAP_IN=5V)
170
200
240
mA
Headroom = 0.3V
(ADAP_IN=4.5V)
160
180
240
mA
Maximum Battery
Fast Charge Current
Note: ENX2=1
Headroom > 0.7V
(ADAP_IN=5V)
330
350
420
mA
Headroom = 0.3V
(ADAP_IN=4.5V)
180
220
270
mA
Trickle Charge Voltage Threshold
3
V
Battery Charge Termination Current,
(% of Fast Charge Current)
10
%
Note:
(1) Headroom = VADAP_IN – VBAT
(2) ENX2 is not allowed to be enabled when VADAP_IN – VBAT > 2V
(3) These parameters are characterized but not tested in manufacturing.
Table 3-5: LED DRIVER
Parameter
Min
Typical
Max
Unit
Open-drain Voltage
3.6
V
Programmable Current Range
0
5.25
mA
Intensity Control
16
step
Current Step
0.35
mA
Power Down Open-drain Current
1
μA
Shutdown Current
1
μA
Note:
(1) Test condition: SAR_VDD=1.8V, temperature=25 ºC.
(2) These parameters are characterized but not tested in manufacturing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com